Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33493 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33493
Description  PLL tuned UHF Transmitter for Data Transfer Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33493 Datasheet(HTML) 3 Page - Motorola, Inc

  MC33493 Datasheet HTML 1Page - Motorola, Inc MC33493 Datasheet HTML 2Page - Motorola, Inc MC33493 Datasheet HTML 3Page - Motorola, Inc MC33493 Datasheet HTML 4Page - Motorola, Inc MC33493 Datasheet HTML 5Page - Motorola, Inc MC33493 Datasheet HTML 6Page - Motorola, Inc MC33493 Datasheet HTML 7Page - Motorola, Inc MC33493 Datasheet HTML 8Page - Motorola, Inc MC33493 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
RF OUTPUT STAGE
MOTOROLA
MC33493 Technical Data
3
Table 1: Band selection and associated divider ratios
An out-of-lock function is performed by monitoring the PFD output voltage. When it exceeds defined limits, the
RF output stage is disabled.
RF OUTPUT STAGE
The output stage is a single ended square wave switched current source. Harmonics are present in the output
current drive. Their radiated absolute level depends on the antenna characteristics and output power. Typical
application demonstrates compliance to ETSI standard.
A resistor Rext connected to the REXT pin controls the output power allowing a trade-off between radiated power
and current consumption.
The output voltage is internally clamped to Vcc ±2Vbe (typ. Vcc ±1.5V @ TA=25°C).
MODULATION
A low logic level has to be applied on pin MODE to select the On Off Keying (OOK) modulation. This modulation
is performed by switching on/off the RF output stage. The logic level applied on pin DATA controls the output
stage state:
DATA=0
output stage off,
DATA=1
output stage on.
If a high logic level is applied on pin MODE, then Frequency Shift Keying (FSK) modulation is selected. This
modulation is achieved by crystal pulling. An internal switch connected to CFSK pin enables to switch the
external crystal load capacitors. Figure 2 shows the possible configurations: serial and parallel.
The logic level applied on pin DATA controls the state of this internal switch:
DATA=0
switch off,
DATA=1
switch on.
DATA input is internally re-synchronized by the crystal reference signal. The corresponding jitter on the data duty
cycle cannot exceed
±1 reference period (±75ns for a 13.56MHz crystal).
This crystal pulling solution implies that the RF output frequency deviation equals the crystal frequency deviation
multiplied by the PLL Divider Ratio (see table 1).
BAND Input
Level
Frequency
Band (MHz)
PLL Divider
Ratio
Crystal Oscillator
Frequency (MHz)
High
315
32
9.84
434
13.56
Low
868
64
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33493

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
logo
Freescale Semiconductor...
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Freescale Semiconductor...
MC33493ADTB FREESCALE-MC33493ADTB Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
More results

Similar Description - MC33493

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTBR2 FREESCALE-MC33493DTBR2 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com