Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMNH6021SPDQ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMNH6021SPDQ
Description  60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6021SPDQ Datasheet(HTML) 6 Page - Diodes Incorporated

  DMNH6021SPDQ Datasheet HTML 1Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 2Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 3Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 4Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 5Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 6Page - Diodes Incorporated DMNH6021SPDQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMNH6021SPDQ
Document number: DS38111 Rev. 2 - 2
6 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6021SPDQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI5060-8 (Type C)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI5060-8 (Type C)
PowerDI5060-8 (Type C)
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0
0.05
0.02
b
0.33
0.51
0.41
b1
0.300
0.366
0.333
b2
0.20
0.35
0.25
c
0.23
0.33
0.277
D
5.15 BSC
D1
4.85
4.95
4.90
D2
1.40
1.60
1.50
D3
3.98
E
6.15 BSC
E1
5.75
5.85
5.80
E2
3.56
3.76
3.66
e
1.27BSC
k
1.27
k1
0.56
L
0.51
0.71
0.61
La
0.51
0.71
0.61
L1
0.05
0.20
0.175
L4
0.125
M
3.50
3.71
3.605
x
1.400
y
1.900
θ
10°
12°
11°
θ1
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
3.910
X2
1.650
X3
1.650
X4
4.420
Y
1.270
Y1
1.020
Y2
3.810
Y3
6.610
DETAIL A
0(4x)
Seating Plane
A1
c
e
01(4x)
D1
E1
D
E
1
y
x
Ø1.000 Depth 0.07±0.030
A
DETAIL A
L
k
M
L1
D2
La
E2
b(8x)
e/2
1
b1(8x)
b2(2x)
D2
k1
D3
L4
1
8
Y3
X4
Y1
Y2
X1
G1
X
C
Y(4x)
G
X2
X3


Similar Part No. - DMNH6021SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPD-13 DIODES-DMNH6021SPD-13 Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
More results

Similar Description - DMNH6021SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH10H015LPS DIODES-DMTH10H015LPS Datasheet
564Kb / 7P
   100V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com