Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF584MTD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF584MTD
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF584MTD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CF584MTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF584MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (
Figure 4)
2.5
4.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time (
Figure 4)
2.0
3.5
ns
RCOP
RxCLK OUT Period
15
T
50
ns
RCOH
RxCLK OUT High Time
f = 65 MHz
7.8
9
ns
RCOL
RxCLK OUT Low Time
f = 65 MHz
3.8
5
ns
RSRC
RxOUT Setup to RxCLK OUT
f = 65 MHz
2.5
4.2
ns
RHRC
RxOUT Hold to RxCLK OUT
f = 65 MHz
4.0
5.2
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 5.0V
6.4
10.7
ns
(
Figure 10)
RPLLS
Receiver Phase Lock Loop Set (
Figure 12)10
ms
RSKM
RxIN Skew Margin (Note 6) (
Figure 14)V
CC = 5V, TA =25˚C
600
ps
RPDD
Receiver Powerdown (
Figure 17)1
µs
Note 6: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter output skew (TCCS)
and the setup and hold time (internal data sampling window), allowing for LVDS cable skew dependent on type/length and source clock (TxCLK IN) jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle)
AC Timing Diagrams
DS012616-3
FIGURE 1. “Worst Case” Test Pattern
www.national.com
5


Similar Part No. - DS90CF584MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF584 TI1-DS90CF584 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
More results

Similar Description - DS90CF584MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
logo
Texas Instruments
DS90CR563 TI1-DS90CR563_11 Datasheet
332Kb / 14P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
logo
National Semiconductor ...
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
[Old version datasheet]   LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com