Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6627M Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6627M
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6627M Datasheet(HTML) 5 Page - Texas Instruments

  PT6627M Datasheet HTML 1Page - Texas Instruments PT6627M Datasheet HTML 2Page - Texas Instruments PT6627M Datasheet HTML 3Page - Texas Instruments PT6627M Datasheet HTML 4Page - Texas Instruments PT6627M Datasheet HTML 5Page - Texas Instruments PT6627M Datasheet HTML 6Page - Texas Instruments PT6627M Datasheet HTML 7Page - Texas Instruments PT6627M Datasheet HTML 8Page - Texas Instruments PT6627M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6620 Series
Using the Standby Function on the PT6620 Series
of 12-V Bus Converters
For applications requiring output voltage On/Off control,
the 14-pin PT6620 ISR series incorporates a standby
function. This feature may be used for power-up/shut-
down sequencing, and wherever there is a requirement
for the output status of the module to be controlled by
external circuitry.
The standby function is provided by the STBY* control,
pin 3. If pin 3 is left open-circuit the regulator operates
normally, providing a regulated output whenever a valid
supply voltage is applied to Vin (pins 4, 5, & 6) with respect
to GND (pins 7-10). Connecting pin 3 to ground 1 will
disable the regulator output and reduce the input current
to less than 30 mA 3. Grounding the standby control will
also hold-off the regulator output during the period that
input power is applied.
The standby input is ideally controlled with an open-
collector (or open-drain) discrete transistor (See Figure 1).
It can also be driven directly from a dedicated TTL 2
compatible gate. Table 1 provides details of the threshold
requirements.
Table 1 Inhibit Control Thresholds (1,2)
Parameter
Min
Max
Enable (VIH)
1 V
5 V
Disable (VIL)
–0.1V
0.3V
Notes:
1. The Standby input on the PT6620 regulator series may be
controlled using either an open-collector (or open-drain)
discrete transistor, or a device with a totem-pole output. A
pull-up resistor is not necessary. The control input has an
open-circuit voltage of about 1.5 Vdc. To disable the
regulator output, the control pin must be “pulled” to less
than 0.3 Vdc with a low-level 0.25 mA max. sink to ground.
2. The Standby input on the PT6620 series is also compatible
with TTL logic. A standard TTL logic gate will meet the
0.3 V VIL(max) requirement (Table 1 ) at 0.25 mA sink
current. Do not drive the Standby control input above 5 Vdc.
3. When the regulator output is disabled the current drawn
from the input source is reduced to approximately 15 mA
(30 mA maximum).
4. The turn-off time of Q1, or rise time of the standby input
is not critical on the PT6620 series. Turning Q1 off slowly,
over periods up to 100 ms, will not damage the regulator.
However, a slow turn-off time will increase both the initial
delay and rate-of-rise of the output voltage.
Figure 1
Turn-On Time:
Turning Q1 in Figure 1 off, removes the
low-voltage signal at pin 3 and enables the output. The
PT6620 series of regulators will provide a fully regulated
output voltage within 20ms. The actual turn-on time may
vary with load and the total amount of output capacitance.
Figure 2 shows the typical output voltage waveform of a
PT6625 (5 V) following the prompt turn off of Q1 at time
t =0 secs. The waveform was measured with a 12-V input
voltage, and 5-A resistive load.
Figure 2
C
in
+
C
out
+
Inhibit
V
in
V
o
COM
COM
Q1
BSS138
+5V V
in
PT6620
11,12,13
14
7,8,9,10
4,5,6
Vin
Vo
GND
Vo(adj)
STBY
3
Vsense
1
02468
10
12
14
16
18
t (milli - secs)
Vo (2V/Div)


Similar Part No. - PT6627M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6621 TI-PT6621 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6622 TI-PT6622 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6623 TI-PT6623 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6624 TI-PT6624 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6627M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com