Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6626E Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6626E
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6626E Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT6626E Datasheet HTML 3Page - Texas Instruments PT6626E Datasheet HTML 4Page - Texas Instruments PT6626E Datasheet HTML 5Page - Texas Instruments PT6626E Datasheet HTML 6Page - Texas Instruments PT6626E Datasheet HTML 7Page - Texas Instruments PT6626E Datasheet HTML 8Page - Texas Instruments PT6626E Datasheet HTML 9Page - Texas Instruments PT6626E Datasheet HTML 10Page - Texas Instruments PT6626E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT6624R
NRND
SIP MODULE
EEE
14
TBD
Call TI
Call TI
-40 to 85
PT6625F
LIFEBUY SIP MODULE
EEF
14
TBD
Call TI
Call TI
-40 to 85
PT6625L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6625M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6625Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85
PT6626B
LIFEBUY SIP MODULE
EEK
14
TBD
Call TI
Call TI
-40 to 85
PT6626E
LIFEBUY SIP MODULE
EEC
14
TBD
Call TI
Call TI
-40 to 85
PT6626F
LIFEBUY SIP MODULE
EEF
14
TBD
Call TI
Call TI
-40 to 85
PT6626G
OBSOLETE SIP MODULE
EEG
14
TBD
Call TI
Call TI
-40 to 85
PT6626L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6626M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6626Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85
PT6627D
NRND
SIP MODULE
EEA
14
TBD
Call TI
Call TI
PT6627E
NRND
SIP MODULE
EEC
14
TBD
Call TI
Call TI
PT6627F
NRND
SIP MODULE
EEF
14
TBD
Call TI
Call TI
PT6627G
NRND
SIP MODULE
EEG
14
TBD
Call TI
Call TI
PT6627L
NRND
SIP MODULE
EEL
14
TBD
Call TI
Call TI
PT6627M
NRND
SIP MODULE
EEM
14
TBD
Call TI
Call TI
PT6627P
NRND
SIP MODULE
EED
14
TBD
Call TI
Call TI
PT6627Q
NRND
SIP MODULE
EEQ
14
TBD
Call TI
Call TI
PT6627R
NRND
SIP MODULE
EEE
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - PT6626E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6626 TI-PT6626 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6626E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com