Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6626B Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6626B
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6626B Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6626B Datasheet HTML 5Page - Texas Instruments PT6626B Datasheet HTML 6Page - Texas Instruments PT6626B Datasheet HTML 7Page - Texas Instruments PT6626B Datasheet HTML 8Page - Texas Instruments PT6626B Datasheet HTML 9Page - Texas Instruments PT6626B Datasheet HTML 10Page - Texas Instruments PT6626B Datasheet HTML 11Page - Texas Instruments PT6626B Datasheet HTML 12Page - Texas Instruments PT6626B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MECHANICAL DATA
MPSI013 – MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEA (R–PSIP–T14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C. 2-place decimals are
D. 3-place decimals are
E. Recommended mechanical keep-out area.
F. No copper, power or signal traces in this area.
G. D-suffix parts include a metal heat spreader.
No signal traces are allowed under the heat spreader area.
A solid copper island is recommended, which may be
grounded.
A-suffix does not include a metal heat spreader.
" 0.030 (" 0, 76 mm).
" 0.010 (" 0, 25 mm).
1
1
1.71 (43,43) MAX.
(9,65)
0.38
0.59
(14,98)
MAX.
1.22 (30,98)
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E
Note G
(10,66)
0.42
MAX.
0.017 (0,43)
TYP.
PC Layout
Plated through
0.100 (2,54) 13 Places
ø0.035 (0,88) MIN. 14 Places
0.040 (1,01)
MIN.
0.140 (3,55)
1.42 (36,06)
1.77 (44,95)
Note F
0.040
1.31
(33,27)
0.235 (5,96)
(1,77)
0.07
(1,01)
0.20 (5,08)
(4,44)
0.175
4202005/A 02/01
(13,20)
0.52
0.012 (0,30)
0.018 (0,45)


Similar Part No. - PT6626B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6626 TI-PT6626 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6626B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com