Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6625Q Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6625Q
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6625Q Datasheet(HTML) 4 Page - Texas Instruments

  PT6625Q Datasheet HTML 1Page - Texas Instruments PT6625Q Datasheet HTML 2Page - Texas Instruments PT6625Q Datasheet HTML 3Page - Texas Instruments PT6625Q Datasheet HTML 4Page - Texas Instruments PT6625Q Datasheet HTML 5Page - Texas Instruments PT6625Q Datasheet HTML 6Page - Texas Instruments PT6625Q Datasheet HTML 7Page - Texas Instruments PT6625Q Datasheet HTML 8Page - Texas Instruments PT6625Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Application Notes continued
For technical support and more information, see inside back cover or visit www.ti.com
Table 2
PT6620 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6622
PT6623
PT6621
PT6624
PT6625
Series Pt #
PT6625
PT6626
Vo (nom)
1.5 V
2.5 V
3.3 V
3.6 V
5 V
Vo (nom)
5 V
9 V
Va (req’d)
Va (req’d)
1.4
(5.0) k
5.2
89.1 k
(0.5) k
1.5
5.3
55.4 k
(1.1) k
1.6
59.9 k
5.4
38.5 k
(1.9) k
1.7
28.7 k
5.5
28.4 k
(2.6) k
1.8
18.3 k
5.6
21.7 k
(3.4) k
1.9
13.1 k
(5.8) k
5.7
16.8 k
(4.2) k
2.0
10.0 k
(10.0) k
5.8
13.2 k
(5.1) k
2.1
7.9 k
(16.3) k
5.9
10.4 k
(6.1) k
2.2
6.4 k
(26.7) k
6.0
8.2 k
(7.1) k
2.3
5.3 k
(47.5) k
(0.6) k
6.1
6.3 k
(8.1) k
2.4
4.4 k
(110.0) k
(3.4) k
6.2
4.8 k
(9.3) k
2.5
3.8 k
(6.8) k
(1.7) k
6.3
3.5 k
(10.5) k
2.6
3.2 k
120.0 k
(11.2) k
(4.2) k
6.4
2.4 k
(11.9) k
2.7
57.5 k
(17.1) k
(7.4) k
6.5
1.4 k
(13.3) k
2.8
36.7 k
(25.4) k
(11.3) k
6.6
(14.9) k
2.9
26.3 k
(37.8) k
(16.4) k
(0.6) k
6.7
(16.6) k
3.0
20.0 k
(58.5) k
(23.2) k
(2.1) k
6.8
(18.4) k
3.1
15.8 k
(99.8) k
(32.7) k
(3.7) k
6.9
(20.5) k
3.2
12.9 k
(224.0)k
(46.9) k
(5.5) k
7.0
(22.7) k
3.3
10.6 k
(70.6) k
(7.4) k
7.1
(25.2) k
3.4
8.9 k
139.0 k
(118.0) k
(9.7) k
7.2
(27.9) k
3.5
7.5 k
63.5 k
(260.0) k
(12.2) k
7.3
(31.0) k
3.6
6.4 k
38.3 k
(15.1) k
7.4
(34.4) k
3.7
5.4 k
25.7 k
139.0 k
(18.4) k
7.5
(38.3) k
3.8
18.2 k
63.5 k
(22.3) k
7.6
(42.8) k
3.9
13.1 k
38.3 k
(26.9) k
7.8
(53.9) k
4.0
9.5 k
25.7 k
(32.5) k
8.0
(69.6) k
4.1
6.8 k
18.2 k
(39.2) k
8.2
(93.0) k
4.2
4.7 k
13.1 k
(47.6) k
8.4
(132.0) k
4.3
3.0 k
9.5 k
(58.5) k
8.6
(210.0) k
4.4
1.7 k
6.8 k
(73.0) k
8.8
(445.0) k
4.5
0.5 k
4.7 k
(93.2) k
9.0
4.6
3.0 k
(124.0) k
9.2
63.5 k
4.7
1.7 k
(174.0) k
9.4
25.7 k
4.8
0.5 k
(275.0) k
9.6
13.1 k
4.9
(579.0) k
9.8
6.8 k
5.0
10.0
3.0 k
5.1
190.0 k
R1 = (Blue)
R2 = Black
PT6620 Series


Similar Part No. - PT6625Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6625 TI-PT6625 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6625Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com