Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6625L Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6625L
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6625L Datasheet(HTML) 1 Page - Texas Instruments

  PT6625L Datasheet HTML 1Page - Texas Instruments PT6625L Datasheet HTML 2Page - Texas Instruments PT6625L Datasheet HTML 3Page - Texas Instruments PT6625L Datasheet HTML 4Page - Texas Instruments PT6625L Datasheet HTML 5Page - Texas Instruments PT6625L Datasheet HTML 6Page - Texas Instruments PT6625L Datasheet HTML 7Page - Texas Instruments PT6625L Datasheet HTML 8Page - Texas Instruments PT6625L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
C1 = Required 330µF electrolytic (1)
C2 = Required 330µF electrolytic (1)
Q1= Optional N-Channel MOSFET
6 A 12-V Input
Integrated Switching Regulator
PT6620 Series
PT6620
4,5,6
7,8,9,10
11,12,13
V
IN
COM
COM
V
OUT
C
2
+
C
1
+
1
3
STBY
Q
1
REMOTE SENSE
LOAD
Ordering Information
PT6621
¨ =3.3 Volts
PT6622
¨ =1.5 Volts
PT6623
¨ =2.5 Volts
PT6624
¨ =3.6 Volts
PT6625
¨ =5.0 Volts
PT6626
¨ =9.0 Volts
PT6627
¨ =1.8 Volts
Features
Single Device: 6-A Output
Input Voltage Range: 9 V to 16 V
Adjustable Output Voltage
83 % Efficiency
Remote Sense Capability
Standby Function
Over-Temperature Protection
16-pin Mount Option
(Suffixes L, M, Q, & F)
Pin Configuration
Pin
Function
1Vo Sense
2
Do Not Connect
3
STBY*
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vo Adjust
SLTS036C - FEBRUARY 1999 - REVISED JUNE 2003
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
P
(EED)
Horiz
D
(EEA)
SMD
E
(EEC)
Horiz, 2-Pin Tab
M
(EEM)
SMD, 2-Pin Tab
L
(EEL)
Horiz, 2-Pin Ext Tab
Q
(EEQ)
SMD, 2-Pin Ext Tab
F
(EEF)
Vertical, Side Tab
R
(EEE)
Horiz, Side Tab
G
(EEG)
SMD, Side Tab
B
(EEK)
* Previously known as package styles 400/410.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Description
The PT6620 series is a line of 12-V
input Integrated Switching Regulators
(ISRs). These regulators are designed
for stand-alone operation in applications
requiring as much as 6 A of output
current. The PT6620 series is pack-
aged in a 14-Pin SIP (Single In-line
Package), which is available in either
a vertical or horizontal configura-
tions, including surface mount.
Specifications Unless otherwise stated, Ta =25 °C, C2 =330 µF, Vin =12 V, Io =Iomax
PT6620 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60 °C, 200 LFM, pkg P
0.1 (2)
—6
A
Ta = 25 °C, natural convection
0.1 (2)
—6
Input Voltage Range
Vin
0.1 A
≤ Io ≤ 6 A
Vo ≤ 5 V
9
16
V
6 V
≤Vo ≤9 V
Vo + 3
16
Output Voltage Tolerance
∆Vo
Ta = 0 to 60 °C
Vo – 0.1
Vo + 0.1
V
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo = 3.3 V
2.3
4.5
Vo = 1.5 V
1.4
2.6
Vo = 2.5 V
1.9
3.7
V
Vo = 3.6 V
2.5
4.8
Vo = 5 V
2.9
6.5
Vo = 9 V
5.2
10
Line Regulation
Regline
Vin(min) ≤Vin ≤Vin(max)
±0.5
±1
%Vo
Load Regulation
Regload
0.1
≤ Io ≤6 A
±0.5
±1
%Vo
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth,
Vo < 6 V
50
mVpp
Vo > 6 V
1
%Vo
Transient Response
1 A/µs load step, 50 to 100% Io max
ttr
Recovery time
100
µSec
∆Vtr
Vo over/undershoot
150
mV
Efficiency
η
Io =3 A
Vo=3.3/3.6 V
84
Vo = .5 V
68
Vo =2.5 V
76
%
Vo =5.0 V
86
Vo =9.0 V
93
Io =6 A
Vo=3.3/3.6 V
83
Vo =1.5 V
66
Vo =2.5 V
75
%
Vo =5.0 V
85
Vo =9.0 V
92
Switching Frequency
ƒs
Vin(min) ≤Vin≤Vin(max)
PT6622
500
550
600
kHz
0.1 A
≤ Io ≤ 6 A
Except PT6622
550
650
750
kHz
Continued


Similar Part No. - PT6625L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6625 TI-PT6625 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6625L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com