Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6605G Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6605G
Description  Single Device 9A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6605G Datasheet(HTML) 1 Page - Texas Instruments

  PT6605G Datasheet HTML 1Page - Texas Instruments PT6605G Datasheet HTML 2Page - Texas Instruments PT6605G Datasheet HTML 3Page - Texas Instruments PT6605G Datasheet HTML 4Page - Texas Instruments PT6605G Datasheet HTML 5Page - Texas Instruments PT6605G Datasheet HTML 6Page - Texas Instruments PT6605G Datasheet HTML 7Page - Texas Instruments PT6605G Datasheet HTML 8Page - Texas Instruments PT6605G Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
C1 = Required 330µF electrolytic (1)
C2 = Required 330µF electrolytic (1)
Q1= NFET-or Open Collector Gate
PT6600
11,12,13
14
7,8,9,10
4,5,6
3
1
C
OUT
+
C
IN
+
LOAD
V
oADJ
V
IN
STBY
COM
V
OUT
COM
V
oSENSE
Q1
Ordering Information
PT6601! = +3.3 Volts
PT6602! = +1.5 Volts
PT6603! = +2.5 Volts
PT6604! = +3.6 Volts
PT6605! = +1.2 Volts
PT6606! = +1.8 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat
Heat Spreader
Configuration
Spreader
with Side Tabs
Vertical Through-Hole
PR
Horizontal Through-Hole
DG
Horizontal Surface Mount EB
Note: Back surface
of product is
conducting metal.
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do not connect
3
STBY*-Standby
4Vin
5Vin
6Vin
7
GND
8GND
9GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
9 Amp 5V/3.3V Input Adjustable
Integrated Switching Regulator
Single Device 9A Output
Input Voltage Range: 3.1V to 6.0V
Adjustable Output Voltage
90% Efficiency
Remote Sense Capability
Standby Function
Over-Temperature Protection
The PT6600 series is a high per-
formance family of 14-Pin SIP (Single
In-line Package) Integrated Switching
Regulators (ISRs), designed for stand-
alone operation in applications
requiring as much as 9A of output
current.
The PT6600 series will operate
off either a 3.3V or 5V input bus and
requires only two external capacitors
for proper operation. Please note that
this product does not include short
circuit protection.
PT6600 Series
Pkg Style 400
†3.3V Input Bus Capable
SLTS035A
(Revised 6/30/2000)
Specifications
Characteristics
PT6600 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1 (2)
9.0 (4)
A
Ta = 25°C, natural convection
0.1 (2)
7.0 (4)
Input Voltage Range
Vin
0.1A
≤ Io ≤ 8.0A
Vo= +2.5/3.3V
4.5
6.0
Vo ≤ 1.8V
3.1
6.0
V
Vo= +3.6V
4.8
6.0
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 8.0A
Vo-0.1
Vo+0.1
V
Ta = 0°C to 65°C
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo= +3.3V
2.25
4.20
Vinmin=+3.1V or Vo+1.2V
Vo= +1.5V
1.27
2.65
V
(whichever is greater)
Vo= +2.5V
1.80
3.50
Vo= +3.6V
2.50
4.30
Line Regulation
Regline
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo= +3.3V
±7
±17
3.1V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo= +1.5V
±3
±8
mV
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo= +2.5V
±7
±13
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ 8.0A
Vo= +3.3V
±17
±33
Vo= +1.5V
±12
±23
mV
Vo= +2.5V
±13
±25
Vo Ripple/Noise
Vn
Vin = 5V, Io = 8.0A
50
mVpp
Transient Response
ttr
Io step between 4.0A and 8.0A
100
µSec
with C2 = 330µF
Vos
Vo over/undershoot
150
mV
Efficiency
η
Vin = +5V, Io = 3.0A
Vo = +3.3/3.6V
90
Vo = +1.5V
76
%
Vo = +2.5V
85
Vin = +5V, Io = 8.0A
Vo = +3.3/3.6V
83
Vo = +1.5V
68
%
Vo = +2.5V
76
Switching Frequency
ƒo
3.1V
≤ Vin ≤ 6.0V
475
600
725
kHz
0.1A
≤ Io ≤ 8.0A
Absolute Maximum
Ta
Over Vin range
–40 (3)
—+85 (4)
°C
Operating Temperature Range
Thermal Resistance
θ
ja
Free Air Convection (40-60 LFM)
25
°C/W
Continued


Similar Part No. - PT6605G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6605 TI-PT6605 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6605G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Microsemi Corporation
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
List of Unclassifed Man...
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
   Chrontel CH7301 DVI Output Device
CH7012 ETC-CH7012 Datasheet
551Kb / 42P
   Chrontel CH7012 TV Output Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com