Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6605E Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6605E
Description  Single Device 9A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6605E Datasheet(HTML) 2 Page - Texas Instruments

  PT6605E Datasheet HTML 1Page - Texas Instruments PT6605E Datasheet HTML 2Page - Texas Instruments PT6605E Datasheet HTML 3Page - Texas Instruments PT6605E Datasheet HTML 4Page - Texas Instruments PT6605E Datasheet HTML 5Page - Texas Instruments PT6605E Datasheet HTML 6Page - Texas Instruments PT6605E Datasheet HTML 7Page - Texas Instruments PT6605E Datasheet HTML 8Page - Texas Instruments PT6605E Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Safe Operating Area Curves (@ Vin=+5.0V) (See Note B)
PT6601P (Vertical)
PT6601R (Vertical with Side Tab)
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
PT6601D (Horizontal)
Airflow
Airflow
Airflow
TYPICAL
CHARACTERISTICS
Note A:
Note A:
Note A:
Note A:
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT6601, 3.3 VDC
(See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
100
01
234
567
89
4.5V
5.0V
5.5V
Vin
0
5
10
15
20
25
30
012
345
678
9
5.5V
5.0V
4.5V
Vin
0
1
2
3
4
5
6
7
8
9
012
34567
89
5.5V
5.0V
4.5V
Vin
P
20
30
40
50
60
70
80
90
01
234
5678
9
300 LFM
150 LFM
60 LFM
Nat Conv
20
30
40
50
60
70
80
90
012
34
567
89
300 LF M
150 LF M
60 LF M
Na t Co nv.
20
30
40
50
60
70
80
90
012345
6789
300 LF M
150 LF M
60 LF M
Nat Conv
Specifications (continued)
Characteristics
PT6600 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
7.5
G’s
20-2000 Hz, soldered in a PC board
Weight
14
grams
Notes: (1) The PT6600 series requires two 330µF electrolytic capacitors (input and output) for proper operation in all applications. The input capacitance must be rated for a minimum of
1.1Arms of ripple current. See the application note, PT6500/6600 Series Capacitor Recommendations.
(2) ISR will operate down to no load with reduced specifications.
(3) For operation below 0°C, use tantalum capacitors for CIN and COUT. For more information, contact an Application Specialist.
(4) See Safe Operating Curves, or contact the factory for the appropriate derating.
9 Amp 5V/3.3V Input Adjustable
Integrated Switching Regulator
PT6600 Series


Similar Part No. - PT6605E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6605 TI-PT6605 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6605E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Microsemi Corporation
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
List of Unclassifed Man...
CH7301A ETC-CH7301A Datasheet
485Kb / 30P
   Chrontel CH7301 DVI Output Device
CH7012 ETC-CH7012 Datasheet
551Kb / 42P
   Chrontel CH7012 TV Output Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com