Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6623L Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6623L
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6623L Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6623L Datasheet HTML 2Page - Texas Instruments PT6623L Datasheet HTML 3Page - Texas Instruments PT6623L Datasheet HTML 4Page - Texas Instruments PT6623L Datasheet HTML 5Page - Texas Instruments PT6623L Datasheet HTML 6Page - Texas Instruments PT6623L Datasheet HTML 7Page - Texas Instruments PT6623L Datasheet HTML 8Page - Texas Instruments PT6623L Datasheet HTML 9Page - Texas Instruments PT6623L Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT6621B
LIFEBUY SIP MODULE
EEK
14
TBD
Call TI
Call TI
-40 to 85
PT6621E
OBSOLETE SIP MODULE
EEC
14
TBD
Call TI
Call TI
-40 to 85
PT6621F
LIFEBUY SIP MODULE
EEF
14
TBD
Call TI
Call TI
-40 to 85
PT6621L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6621M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6621Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85
PT6622B
LIFEBUY SIP MODULE
EEK
14
TBD
Call TI
Call TI
-40 to 85
PT6622E
LIFEBUY SIP MODULE
EEC
14
TBD
Call TI
Call TI
-40 to 85
PT6622F
LIFEBUY SIP MODULE
EEF
14
TBD
Call TI
Call TI
-40 to 85
PT6622G
LIFEBUY SIP MODULE
EEG
14
TBD
Call TI
Call TI
-40 to 85
PT6622L
LIFEBUY SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6622M
LIFEBUY SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6622Q
LIFEBUY SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85
PT6622R
LIFEBUY SIP MODULE
EEE
14
TBD
Call TI
Call TI
-40 to 85
PT6623B
NRND
SIP MODULE
EEK
14
TBD
Call TI
Call TI
-40 to 85
PT6623D
NRND
SIP MODULE
EEA
14
TBD
Call TI
Call TI
-40 to 85
PT6623E
NRND
SIP MODULE
EEC
14
TBD
Call TI
Call TI
-40 to 85
PT6623G
NRND
SIP MODULE
EEG
14
TBD
Call TI
Call TI
-40 to 85
PT6623L
NRND
SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6623M
NRND
SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6623Q
NRND
SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85
PT6623R
NRND
SIP MODULE
EEE
14
TBD
Call TI
Call TI
-40 to 85
PT6624B
NRND
SIP MODULE
EEK
14
TBD
Call TI
Call TI
-40 to 85
PT6624E
NRND
SIP MODULE
EEC
14
TBD
Call TI
Call TI
-40 to 85
PT6624F
NRND
SIP MODULE
EEF
14
TBD
Call TI
Call TI
-40 to 85
PT6624G
NRND
SIP MODULE
EEG
14
TBD
Call TI
Call TI
-40 to 85
PT6624L
NRND
SIP MODULE
EEL
14
TBD
Call TI
Call TI
-40 to 85
PT6624M
NRND
SIP MODULE
EEM
14
TBD
Call TI
Call TI
-40 to 85
PT6624P
NRND
SIP MODULE
EED
14
TBD
Call TI
Call TI
-40 to 85
PT6624Q
NRND
SIP MODULE
EEQ
14
TBD
Call TI
Call TI
-40 to 85


Similar Part No. - PT6623L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6623 TI-PT6623 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6623L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com