Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB78560CAH Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560CAH
Description  AUTO-TRACK??SEQUENCING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB78560CAH Datasheet(HTML) 5 Page - Texas Instruments

  PTB78560CAH Datasheet HTML 1Page - Texas Instruments PTB78560CAH Datasheet HTML 2Page - Texas Instruments PTB78560CAH Datasheet HTML 3Page - Texas Instruments PTB78560CAH Datasheet HTML 4Page - Texas Instruments PTB78560CAH Datasheet HTML 5Page - Texas Instruments PTB78560CAH Datasheet HTML 6Page - Texas Instruments PTB78560CAH Datasheet HTML 7Page - Texas Instruments PTB78560CAH Datasheet HTML 8Page - Texas Instruments PTB78560CAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
PTB78560A ELECTRICAL CHARACTERISTICS
PTB78560A, PTB78560B
PTB78560C
SLTS249 – JUNE 2005
(Unless otherwise stated, T
A = 25°C, VI = 24 V, VO = 5 V, CO = 220 µF, and IO = IOmax)
PTB78560A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IO
Output current
Over VI range
IO Bus
0.25 (1)
6 (2)
A
VI
Input voltage range
Over IO range
18
24
60
V
Set-point voltage tolerance
±1 (3)
%VO
Temperature variation
-40°C
≤ T
A ≤ 85°C
±0.5
%VO
Line regulation
Over VI range
±0.2
±1
%VO
VO
Load regulation
Over IO range
±0.4
±1
%VO
Total output voltage variation
Includes set-point, line, load, –40°C
≤ T
A ≤ 85°C
±2
±3 (3)
%VO
Adjust range
Over VI range
3.6
5.5
V
η
Efficiency
RSET = 14.3 kΩ, VO =5 V
83%
VO Ripple (peak-to-peak)
20-MHz bandwidth
1
%VO
0.1 A/µs load step,
Recovery time
100
µs
Transient response
50% to 100%
VO over/undershoot
±200
mV
IOmax
Input current
Track connected to -Sense
–0.2
mA
Track input (pin 5)
Open-circuit voltage
0
VO Bus
Referenced to -VI
Input high voltage (VIH)
2
Open (4)
V
Output enable inputs (pins 2, 3)
Input low voltage (VIL)
-0.2
0.8
Input low current (IIL)
–0.8
mA
Standby input current
Pins 2 and 3 open
8
16
mA
IO Bus
Overcurrent threshold
Shutdown, followed by autorecovery
9
A
VI increasing
17
UVLO
Undervoltage lockout
V
VI decreasing
16
ƒ
S
Switching frequency
Over VI range
400
500
600
kHz
Internal input capacitance
1
µF
External input capacitance
Between +VI and –VI
100
µF
External output capacitance
Between both outputs and VO COM
220
5,000
µF
Isolation voltage
Input-output
1,500
Vdc
Isolation capacitance
Input-output
2,000
pF
Isolation resistance
Input-output
10
M
Telcordia SR-332 50% stress, TA = 40°C, ground
MTBF
Reliability
3.6
106 Hr
benign
(1)
The converter requires a minimum load current for proper operation. The converter is not damaged when operated under a no-load
condition.
(2)
See temperature derating curves for safe operating area (SOA), to determine output current derating at elevated ambient temperatures.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C temperature stability.
(4)
The PEN and NEN inputs each have an internal pullup resistor. If the enable feature is not used, the PEN input (pin 2) should be left
open circuit and the NEN input (pin 3) permanently connected to –VI. A discrete MOSFET or bipolar transistor is recommended for the
enable control. The open-circuit voltage is less than 10 V. See the Application Information for a more detailed description.
5
Submit Documentation Feedback


Similar Part No. - PTB78560CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560CAH TI-PTB78560CAH Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
More results

Similar Description - PTB78560CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com