Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6886A Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6886A
Description  5A Non-Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6886A Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT6886A Datasheet HTML 2Page - Texas Instruments PT6886A Datasheet HTML 3Page - Texas Instruments PT6886A Datasheet HTML 4Page - Texas Instruments PT6886A Datasheet HTML 5Page - Texas Instruments PT6886A Datasheet HTML 6Page - Texas Instruments PT6886A Datasheet HTML 7Page - Texas Instruments PT6886A Datasheet HTML 8Page - Texas Instruments PT6886A Datasheet HTML 9Page - Texas Instruments PT6886A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
1.8
(1.4)k
1.9
(2.9)k
2.0
(5.0)k
2.1
(8.1)k
2.2
(13.3)k
(1.0)k
2.3
(23.7)k
(2.3)k
2.4
(54.9)k
(3.9)k
2.5
(5.8)k
2.6
59.9k
(8.4)k
2.7
28.7k
(11.7)k
2.8
18.3k
(16.5)k
2.9
13.1k
(23.6)k
3.0
10.0k
(35.4)k
(1.6)k
3.1
7.9k
(59.0)k
(2.3)k
3.2
6.4k
(130.0)k
(3.1)k
3.3
5.3k
(4.0)k
3.4
4.4k
81.5k
(5.1)k
3.5
3.8k
38.3k
(6.2)k
3.6
3.2k
23.8k
(7.6)k
3.7
2.7k
16.6k
(9.1)k
3.8
2.3k
12.3k
(10.9)k
3.9
2.0k
9.4k
(13.0)k
4.0
1.7k
7.4k
(15.6)k
4.1
1.4k
5.8k
(18.7)k
4.2
1.2k
4.6k
(22.6)k
4.3
1.0k
3.7k
(27.6)k
4.4
2.9k
(34.2)k
4.5
2.2k
(43.6)k
4.6
1.7k
(57.6)k
4.7
1.2k
(80.9)k
4.8
(128.0)k
4.9
(268.0)k
5.0
5.1
88.4k
5.2
41.7k
5.3
26.1k
5.4
18.4k
5.5
13.7k
5.6
10.6k
5.7
8.4k
5.8
6.7k
5.9
5.4k
6.0
4.4k
6.1
3.5k
6.2
2.8k
6.3
2.2k
6.4
1.7k
6.5
1.2k
Table 3-2
PT6880 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6882
PT6881
PT6883
Series Pt #
PT6884
PT6886
PT6885
Current
5Adc
5Adc
5Adc
Current
5Adc
4Adc
4Adc
Vo (nom)
2.5Vdc
3.3Vdc
5Vdc
Vo (nom)
9Vdc
12Vdc
15Vdc
Va (req’d)
Va (req’d)
6.0
(6.9)k
6.2
(9.2)k
6.4
(11.9)k
6.6
(14.0)k
6.8
(18.6)k
7.0
(23.0)k
7.2
(28.3)k
7.4
(35.0)k
7.6
(43.5)k
7.8
(55.0)k
8.0
(71.0)k
8.2
(95.0)k
8.4
(135.0)k
8.6
(215.0)k
8.8
(455.0)k
9.0
(31.7)k
9.2
64.8k
(36.1)k
9.4
26.1k
(41.2)k
9.6
13.1k
(47.1)k
9.8
6.7k
(54.1)k
10.0
2.8k
(62.6)k
(25.8)k
10.2
0.2k
(72.8)k
(28.3)k
10.4
(85.7)k
(31.1)k
10.6
(102.0)k
(34.1)k
10.8
(124.0)k
(37.3)k
11.0
(155.0)k
(40.9)k
11.2
(201.0)k
(44.9)k
11.4
(278.0)k
(49.3)k
11.6
(432.0)k
(54.3)k
11.8
(895.0)k
(59.8)k
12.0
(66.1)k
12.2
94.8k
(73.3)k
12.4
41.1k
(81.6)k
12.6
23.1k
(91.3)k
12.8
14.2k
(103.0)k
13.0
8.8k
(117.0)k
13.2
5.2k
(133.0)k
13.4
2.7k
(154.0)k
13.6
0.7k
(181.0)k
13.8
(217.0)k
14.0
(268.0)k
14.2
(343.0)k
14.5
(570.0)k
15.0
15.5
42.3k
16.0
14.8k
16.5
5.6k
17.0
1.1k
R1 = (Blue)
R2 = Black
PT6880 Series


Similar Part No. - PT6886A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6886 TI-PT6886 Datasheet
188Kb / 8P
[Old version datasheet]   5-A, 15-36-V Input Integrated Switching Regulator
More results

Similar Description - PT6886A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
logo
Micropac Industries
53513 MICROPAC-53513 Datasheet
74Kb / 7P
   NON-LATCHING, ISOLATED OUTPUT
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com