Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48502AAZ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48502AAZ
Description  48-V INPUT ISOLATED DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48502AAZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTB48502AAZ Datasheet HTML 3Page - Texas Instruments PTB48502AAZ Datasheet HTML 4Page - Texas Instruments PTB48502AAZ Datasheet HTML 5Page - Texas Instruments PTB48502AAZ Datasheet HTML 6Page - Texas Instruments PTB48502AAZ Datasheet HTML 7Page - Texas Instruments PTB48502AAZ Datasheet HTML 8Page - Texas Instruments PTB48502AAZ Datasheet HTML 9Page - Texas Instruments PTB48502AAZ Datasheet HTML 10Page - Texas Instruments PTB48502AAZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (1)(2)(3)
CHARACTERISTIC DATA (PTB48500A)
100
IL − Load Current − A
VI = 48 V
90
80
70
60
50
0
2
4
6
8
10
12
VI = 36 V
VI = 75 V
(See Note B)
0
2
4
6
8
10
IL − Load Current − A
VI = 48 V
0
2
4
6
8
10
12
VI = 36 V
VI = 75 V
(See Note B)
−6
−4
−2
0
2
4
6
0
1
2
3
4
5
6
7
IL − Load Current − A
VO 1 vs IO 2
VO 2 vs IO 1
20
30
40
50
60
70
80
90
Nat Conv
400LFM
200LFM
100LFM
VI = 48 VDC
0
5
10
15
20
25
30
Total Output Power − W
(See Note B)
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
EFFICIENCY
POWER DISSIPATION
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
CROSS REGULATION
∆Vo
x vs Ioy
SAFE OPERATING AREA
Iox = 1 A and VI = 48 V
VI = 48 VDC
Figure 3.
Figure 4.
(1)
A. Characteristic data has been developed from actual products tested at 25
°C. This data is considered typical data for the converter.
(2)
B. Load current is increased proportionally from both outputs, up to the indicated maximum value of each respective output.
(3)
C. SOA curves represent the conditions at which internal components are at or below the manufacturer's maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper.
7
Submit Documentation Feedback
PTB48500A and PTB48502A are Not Recommended for New Designs


Similar Part No. - PTB48502AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48502AAZ TI-PTB48502AAZ Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502AAZ TI1-PTB48502AAZ Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48502AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com