Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48580AAZ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48580AAZ
Description  Dual Complementary-Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48580AAZ Datasheet(HTML) 5 Page - Texas Instruments

  PTB48580AAZ Datasheet HTML 1Page - Texas Instruments PTB48580AAZ Datasheet HTML 2Page - Texas Instruments PTB48580AAZ Datasheet HTML 3Page - Texas Instruments PTB48580AAZ Datasheet HTML 4Page - Texas Instruments PTB48580AAZ Datasheet HTML 5Page - Texas Instruments PTB48580AAZ Datasheet HTML 6Page - Texas Instruments PTB48580AAZ Datasheet HTML 7Page - Texas Instruments PTB48580AAZ Datasheet HTML 8Page - Texas Instruments PTB48580AAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
For technical support and further information visit http://power.ti.com
PTB48580B
Dual Complementary-Output
DC/DC Converter for DSL
SLTS240 DECEMBER 2004
Specifications (Unless otherwise stated, T
A =25°C, VI =48 V, CI =0 µF, ±CO =0 µF, |+IO | = |–IO |, and |±IO | =0.5 |±IO |max)
PTB48580B
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Power
P
O
Total output power from ±V
O
0—
30 (1)
W
Output Current
|±I
O |
Over VI range, |+IO | – |–IO | ≤ 0.1 A
0
1.25 (2)
A
Output Load Imbalance
|+I
O | – |–IO ||+IO | ≥0.1 A, |–IO | ≥ 0.1 A
0
0.5 (3)
A
Output Voltage
|±V
O |
Inlcudes set-point, line,
|+I
O | – |–IO | ≤ 0.1 A
11.6 (2)
12
12.4 (2)
V
–40
≤T
A ≤+85°C
Temperature Variation
∆Reg
temp
–40
≤T
A ≤ +85°C, |±IO | =0.1 A
±V
O
—±1
—%V
O
Line Regulation
∆Reg
line
Over VI range, balanced load
±VO
±0.1
±0.5
%VO
Load Regulation
∆Reg
load
Over ±I
O range, balanced load
±V
O
±0.1
±1
%V
O
Efficiency
η
PO =PO max
88
%
V
o Ripple (pk-pk)
±Vr
20 MHz bandwidth,
50
100 (4)
mV
pp
CO =10 µF tantalum capacitor
Transient Response
tS
0.1 A/µs load step, 50% to 75% ±IO max
30
µs
∆V
O pk
|±V
O | over/undershoot
±1
%VO
Over Current Threshold
IOtrip
VI =36 V
1.4
1.9
2.4
A
reset followed by auto-recovery
Short Circuit Current
Continuous over-current trip,
|±I
O |PK
—3
—A
|+I
O | = |–IO |
Duty
10
%
Output Voltage Adjust Range
|±V
O | adj
|+V
O | and |–VO | adjust simulataneously
6.5
13.4 (5)
V
Switching Frequency
ƒ
S
Over V
I and IO ranges
440
480 (6)
520
kHz
Under-Voltage Lockout
VIon
VI increasing
33
V
VIoff
VI decreasing
32
On/Off Enable (pin 3)
Referenced to –V
I (pin 4)
Input High Voltage
VIH
+3.6
+75 (7)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
I
IL
——–1
mA
Standby Input Current
II standby
pin 3 open circuit
2
mA
Start-up Time
t
ON
|±I
O | =1 A, |±VO | rising 0 to 0.95 |±VO | TYP
—10
—ms
Internal Input Capacitance
CI
—2
—µF
External Output Capacitance
C
O
Capacitance from either output to COM (pin 6)
0
1,500 (8)
µF
Reliability
MTBF
Per Telcordia SR-332
2.8
106 Hrs
50% stress, TA =40°C, ground benign
Notes:
(1) See Safe Operating Area curves or contact the factory for the appropriate derating.
(2) Under balanced load conditions, load current flowing out of +V
O is balanced to within ±0.1 A of that flowing into –VO .
(3) A load imbalance is the difference in current flowing from +V
O to –VO . The module can operate with a higher imbalance but with reduced specifications.
(4) Output voltage ripple is measured with a 10-µF tantalum capacitor connected from +V
O (pin 5) or –VO (pin 8), to COM (pin 6).
(5) When the output voltage is adjusted higher than the nominal output voltage the load current must not exceed the module’s maximum power rating.
(6) This is the free-running frequency. The module can be made to synchronize with the PTB48500 when both modules are used together in a system.
(7) The On/Off Enable (pin 3) has an internal pull-up and may be controlled with an open-collector (or open-drain) transistor. The input is diode protected
and may be connected to +V
I . The open-circuit voltage is 7 V max. If it is left open circuit the converter will operate when input power is applied.
(8) Electrolytic capacitors with very low equivalent series resistance (ESR) may induce instability when used on the output. Consult the factory before using
capacitors with organic, or polymer-aluminum type electrolytes.
Not Recommended for New Designs


Similar Part No. - PTB48580AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580AAZ TI1-PTB48580AAZ Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580AAZ TI1-PTB48580AAZ Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
More results

Similar Description - PTB48580AAZ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MD6003 SEME-LAB-MD6003 Datasheet
22Kb / 2P
   COMPLEMENTARY DUAL
logo
Texas Instruments
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
SN54265 TI1-SN54265_10 Datasheet
708Kb / 10P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
ON Semiconductor
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
logo
Central Semiconductor C...
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs
logo
Texas Instruments
SN54265 TI-SN54265 Datasheet
252Kb / 7P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
   DUAL, COMPLEMENTARY TRANSISTOR
logo
Texas Instruments
PTB48580AAH TI1-PTB48580AAH_14 Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com