Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A010W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A010W
Description  DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTD08A010W Datasheet(HTML) 1 Page - Texas Instruments

  PTD08A010W Datasheet HTML 1Page - Texas Instruments PTD08A010W Datasheet HTML 2Page - Texas Instruments PTD08A010W Datasheet HTML 3Page - Texas Instruments PTD08A010W Datasheet HTML 4Page - Texas Instruments PTD08A010W Datasheet HTML 5Page - Texas Instruments PTD08A010W Datasheet HTML 6Page - Texas Instruments PTD08A010W Datasheet HTML 7Page - Texas Instruments PTD08A010W Datasheet HTML 8Page - Texas Instruments PTD08A010W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PTD08A010W
www.ti.com
SLTS285E – MAY 2007 – REVISED FEBRUARY 2010
10-A, 4.75-V to 14-V INPUT, NON-ISOLATED,
WIDE-OUTPUT, DIGITAL POWERTRAIN™ MODULE
Check for Samples: PTD08A010W
1
FEATURES
APPLICATIONS
Digital Power Systems
2
Up to 10-A Output Current
using UCD9XXX Digital Controllers
4.75-V to 14-V Input Voltage
Programmable Wide-Output Voltage
(0.7 V to 3.6 V)
Efficiencies up to 96%
Digital I/O
PWM signal
INHIBIT
Current limit flag (FAULT)
Sychronous Rectifier Enable (SRE)
Analog I/O
Temperature
Output currrent
Safety Agency Approvals: (Pending)
UL/IEC/CSA-C22.2 60950-1
Operating Temperature: –40°C to 85°C
DESCRIPTION
The PTD08A010W is a high-performance 10-A rated, non-isolated digital PowerTrain module. This module is the
power conversion section of a digital power system which incorporates TI's UCD7230 MOSFET driver IC. The
PTD08A010W must be used in conjunction with a digital power controller such as the UCD9240 or UCD9110
family. The PTD08A010W receives control signals from the digital controller and provides parametric and status
information back to the digital controller. Together, PowerTrain modules and a digital power controller form a
sophisticated, robust, and easily configured power management solution.
Operating from an input voltage range of 4.75 V to 14 V, the PTD08A010W provides step-down power
conversion to a wide range of output voltages from, 0.7 V to 3.6 V. The wide input voltage range makes the
PTD08A010W particularly suitable for advanced computing and server applications that utilize a loosely
regulated 8-V, 9.6-V or 12-V intermediate distribution bus. Additionally, the wide input voltage range increases
design flexibility by supporting operation with tightly regulated 5-V or 12-V intermediate bus architectures.
The module incorporates output over-current and temperature monitoring which protects against most load faults.
Output current and module temperature signals are provided for the digital controller to permit user defined
over-current and over-temperature warning and fault scerarios.
The module uses double-sided surface mount construction to provide a low profile and compact footprint.
Package options include both through-hole and surface mount configurations that are lead (Pb) - free and RoHS
compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERTRAIN is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
logo
Contec Co., Ltd
CPSN-DI-08L CONTEC-CPSN-DI-08L Datasheet
592Kb / 3P
   Digital Input Module
CPS-DO-16L CONTEC-CPS-DO-16L Datasheet
640Kb / 2P
   Digital Output Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com