Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A010W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A010W
Description  DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTD08A010W Datasheet(HTML) 2 Page - Texas Instruments

  PTD08A010W Datasheet HTML 1Page - Texas Instruments PTD08A010W Datasheet HTML 2Page - Texas Instruments PTD08A010W Datasheet HTML 3Page - Texas Instruments PTD08A010W Datasheet HTML 4Page - Texas Instruments PTD08A010W Datasheet HTML 5Page - Texas Instruments PTD08A010W Datasheet HTML 6Page - Texas Instruments PTD08A010W Datasheet HTML 7Page - Texas Instruments PTD08A010W Datasheet HTML 8Page - Texas Instruments PTD08A010W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
C
O2
330 mF
(Recommended)
V
O
V
O
4
3
AGND
7
5
6
IOUT
TEMP
2
GND
GND
PTD08A010W
1
8
V
I
INH
12
VBIAS
C
I2
22 mF
(Required)
L
O
A
D
GND
V
I
GND
+
C
O1
47 mF
(Required)
9
FAULT
10
SRE
11
PWM
C
I1
330 mF
(Recommended)
+
Digital Lines
To/From
Digital Controller
Analog Lines To
Digital Controller
UDG-07054
[A]
[A]
PTD08A010W
SLTS285E – MAY 2007 – REVISED FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Standard PTD08A010W Application
A.
CI2 and CO1 are optional when the operating frequency is greater than 500 kHz.
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): PTD08A010W


Similar Part No. - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A010W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
logo
Contec Co., Ltd
CPSN-DI-08L CONTEC-CPSN-DI-08L Datasheet
592Kb / 3P
   Digital Input Module
CPS-DO-16L CONTEC-CPS-DO-16L Datasheet
640Kb / 2P
   Digital Output Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com