Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6883C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6883C
Description  5A Non-Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6883C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6883C Datasheet HTML 2Page - Texas Instruments PT6883C Datasheet HTML 3Page - Texas Instruments PT6883C Datasheet HTML 4Page - Texas Instruments PT6883C Datasheet HTML 5Page - Texas Instruments PT6883C Datasheet HTML 6Page - Texas Instruments PT6883C Datasheet HTML 7Page - Texas Instruments PT6883C Datasheet HTML 8Page - Texas Instruments PT6883C Datasheet HTML 9Page - Texas Instruments PT6883C Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6880 Series
Adjusting the Output Voltage of the PT6880
5-A Excalibur™ Converter Series
The output voltage of the Power Trends PT6880 Excalibur
series of ISRs may be adjusted higher or lower than the
factory trimmed pre-set voltage with the addition of a
single external resistor 1. Table 3-1 gives the respective
allowable adjustment range for each model in the series as
Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between pin 1 (Vo Adjust) and
pins 6, 7 /11-14 (GND).
Adjust Down:
Add a resistor (R1), between pin 1 (Vo Ad-
just) and pins 15-17 (Vout).
Refer to Figure 3-1 and Table 3-2 for both the placement and
value of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND,
Vout, or the Remote Sense pin. Any capacitance added to
the Vo adjust pin will affect the stability of the ISR.
3. If the remote sense feature is being used, connecting the
resistor (R1) between pin 1 (Vo Adjust) and pin 18 (Remote
Sense) can benefit load regulation.
4. For output voltages above 10Vdc, the maximum output
current must be limited to 4Adc.
5. Adjustments to the output voltage may place additional
limits on the input voltage for the part. The revised limits
must comply with the following requirements.
Vin (min)
= (Vout + 3)V or 15V,
whichever is higher.
Vin (max)
= (10 x Vout )V or 36V,
whichever is less.
Figure 3-1
Table 3-1
PT6880 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6882
PT6881
PT6883
PT6884
PT6886
PT6885
Vo (nom)
2.5V
3.3V
5.0V
9.0V
12.0V
15.0V
Va (min)
1.8V
2.2V
3.0V
6.0V
9.0V
10.0V
Va (max)
4.3V
4.7V
6.5V
10.2V
13.6V
17.0V
Ro (k
Ω)
4.99
4.22
2.49
2.0
2.0
2.0
Rs (k
Ω)
2.49
4.99
4.99
12.7
12.7
12.7
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust
Up
Vo
COM
COM
Vin
L
O
A
D
PT6880
15 – 17
1
6, 7,
11 – 14
8 – 10
Vin
V o
GND
Vo(adj)
STBY
4
Vsense
18
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R1)
=
Ro (Vo – 1.25) (Va – 1.25) – R
s kΩ
1.25 (Vo – Va)
Ro (Vo – 1.25)
– Rs
k
R2
=
Va - Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 3-1
Rs = The series resistance from Table 3-1


Similar Part No. - PT6883C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6883 TI-PT6883 Datasheet
188Kb / 8P
[Old version datasheet]   5-A, 15-36-V Input Integrated Switching Regulator
More results

Similar Description - PT6883C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
logo
Micropac Industries
53513 MICROPAC-53513 Datasheet
74Kb / 7P
   NON-LATCHING, ISOLATED OUTPUT
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com