Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6883C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6883C
Description  5A Non-Isolated Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6883C Datasheet(HTML) 2 Page - Texas Instruments

  PT6883C Datasheet HTML 1Page - Texas Instruments PT6883C Datasheet HTML 2Page - Texas Instruments PT6883C Datasheet HTML 3Page - Texas Instruments PT6883C Datasheet HTML 4Page - Texas Instruments PT6883C Datasheet HTML 5Page - Texas Instruments PT6883C Datasheet HTML 6Page - Texas Instruments PT6883C Datasheet HTML 7Page - Texas Instruments PT6883C Datasheet HTML 8Page - Texas Instruments PT6883C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6880 Series
5-A, 15-36-V Input
Integrated Switching Regulator
SLTS103B -JULY 2000 - REVISED JANUARY 2003
Specifications (Unless otherwise stated, Ta =25°C, Vin =28V, Cin =560µF, Cout =330µF, and Io =Iomax)
PT6880 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta =60°C, 200LFM
Vo ≤ 12V
0.1 (1)
—5
A
Vo > 12V
0.1 (1)
—4
Input Voltage Range
Vin
Over Io range
Vo = 2.5V
15
25 (2)
Vo = 3.3V
15
33 (2)
Vdc
Vo = 5.0V
15
36
Vo ≥ 6.5V
18
36
Set Point Voltage Tolerance
Vo tol
±0.5
±1
%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±0.5
±1
%Vo
Load Regulation
Regload
Over Io range
±0.5
±1
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.5
±2
%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Vo = 15V
90
Vo = 12V
88
Vo = 9.0V
87
%
Vo = 5.0V
82
Vo = 3.3V
73
Vo = 2.5V
78
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo≤5V
50
mVpp
Vo>5V
—1
—%Vo
Transient Response
ttr
5A/µs load step, 50% to 100% Iomax
100
µs
∆Vtr
Vo over/undershoot
±100
mV
Switching Frequency
ƒs
Over Vin and Io range
500
550
600
kHz
On/Off Standby (Pin 4)
Referenced to GND (pin 6)
Input High Voltage
VIH
2.0
Open (3)
V
Input Low Voltage
VIL
–0.1
+0.4
Input Low Current
IIL
–0.5
mA
Standby Input Current
Iin standby
pins 4 & 6 connected
16
35
mA
External Input Capacitance
Cin
See application schematic
560 (4)
——µF
External Output Capacitance
Cout
See application schematic
330 (4)
1,000
µF
Operating Temperature Range
Ta
Over Vin range
–40
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (6)
°C
Storage Temperature
Ts
–40
125
°C
Reliability
MTBF
Per Bellcore TR-332
7.7
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1ms, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2,
Suffix N, A
20 (7)
G’s
20-2000Hz, soldered in PCB
Suffix C
15 (7)
Weight
23
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) The stated maximum input voltage assumes the nominal output voltage. If the output voltage is adjusted (trimmed) to some other value, consult the
related application note on output voltage adjustment for the revised input voltage limitations.
(3) The STBY* control (pin 4) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is low (less than 5V). Consult the related application note for interface considerations.
(4) For guidance on suitable input and output capacitors consult the accompanying application note, “Capacitor Recommendations for the PT6880 Series.”
(5) See Safe Operating Area curves or contact the factory for the appropriate derating.
(6) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(7) The case pins on through-hole package types (suffixes N & A) must be soldered. For more information consult the applicable package outline drawing.


Similar Part No. - PT6883C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6883 TI-PT6883 Datasheet
188Kb / 8P
[Old version datasheet]   5-A, 15-36-V Input Integrated Switching Regulator
More results

Similar Description - PT6883C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
logo
Micropac Industries
53513 MICROPAC-53513 Datasheet
74Kb / 7P
   NON-LATCHING, ISOLATED OUTPUT
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com