Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6624 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6624
Description  Single Device: 6-A Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6624 Datasheet(HTML) 3 Page - Texas Instruments

  PT6624 Datasheet HTML 1Page - Texas Instruments PT6624 Datasheet HTML 2Page - Texas Instruments PT6624 Datasheet HTML 3Page - Texas Instruments PT6624 Datasheet HTML 4Page - Texas Instruments PT6624 Datasheet HTML 5Page - Texas Instruments PT6624 Datasheet HTML 6Page - Texas Instruments PT6624 Datasheet HTML 7Page - Texas Instruments PT6624 Datasheet HTML 8Page - Texas Instruments PT6624 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6620 Series
Adjusting the Output Voltage of the
PT6620 6 A, 12-V Bus Converter Series
The output voltage of the Power Trends PT6620 Series
ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor. Table 1 accordingly gives the allowable
adjustment range for each model in the series as
Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between Vo Adjust (pin 14) and
GND (pins 7-10).
Adjust Down:
Add a resistor (R1), between Vo Adjust (pin
14 ) and Vout (pins 11-13).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo Adjust to either GND,
Vout, or the Remote Sense pin. Any capacitance added to
the Vo adjust pin will affect the stability of the ISR.
3. If the Remote Sense feature is being used, connecting the
resistor (R1) between Vo Adjust (pin 14) and Remote Sense
(pin 1) can benefit load regulation.
4. The minimum input voltage required by the part is
Vout + 3, or 9 V, whichever is higher.
Figure 1
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust
Up
Vo
COM
COM
Vin
PT6620
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
GND
Vo(adj)
STBY
3
Vsense
1
L
O
A
D
The values of (R
1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Va – 1.25)
(R1)
=
(Vo – Va)
– Rs
k
1.25 Ro
– Rs
k
R2
=
Va - Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 1
Rs = The series resistance from Table 1
Table 1
PT6620 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6622
PT6623
PT6621
PT6624
PT6625
PT6626
Vo (nom)
1.5 V
2.5 V
3.3 V
3.6 V
5 V
9.0 V
Va (min)
1.4 V
1.9 V
2.3 V
2.5 V
2.9 V
5.2 V
Va (max)
2.7 V
3.7 V
4.5 V
4.8 V
6.5 V
10 V
Ro (k
Ω)
4.99
10.0
12.1
12.1
16.2
12.1
Rs (k
Ω)
2.49
4.99
12.1
12.1
12.1
12.1


Similar Part No. - PT6624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6624 TI-PT6624 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6680 TI1-PT6680_14 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
logo
Recom International Pow...
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
   6 Amp Single Output
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Qualtek Electronics Cor...
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Advanced Photonix, Inc.
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com