Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6513C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6513C
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6513C Datasheet(HTML) 4 Page - Texas Instruments

  PT6513C Datasheet HTML 1Page - Texas Instruments PT6513C Datasheet HTML 2Page - Texas Instruments PT6513C Datasheet HTML 3Page - Texas Instruments PT6513C Datasheet HTML 4Page - Texas Instruments PT6513C Datasheet HTML 5Page - Texas Instruments PT6513C Datasheet HTML 6Page - Texas Instruments PT6513C Datasheet HTML 7Page - Texas Instruments PT6513C Datasheet HTML 8Page - Texas Instruments PT6513C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For technical support and further information, visit http://power.ti.com
PT6511; VOUT = 3.3 V
PT6515; VOUT =1.2 V
Safe Operating Area; 3.3 V (See Note B)
Safe Operating Area; Vin =5 V (See Note B)
PT6515; VOUT = 1.2 V
20
30
40
50
60
70
80
90
01
23
45
67
8
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
01
234
56
78
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
01
23
45
67
8
IOUT (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
SLTS220 FEBRUARY 2004
PT6510 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection


Similar Part No. - PT6513C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6513 TI-PT6513 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6513C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com