Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6507N Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6507N
Description  Small SIP Footprint
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6507N Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6507N Datasheet HTML 2Page - Texas Instruments PT6507N Datasheet HTML 3Page - Texas Instruments PT6507N Datasheet HTML 4Page - Texas Instruments PT6507N Datasheet HTML 5Page - Texas Instruments PT6507N Datasheet HTML 6Page - Texas Instruments PT6507N Datasheet HTML 7Page - Texas Instruments PT6507N Datasheet HTML 8Page - Texas Instruments PT6507N Datasheet HTML 9Page - Texas Instruments PT6507N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6500 Series
Table 2
PT6500 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6505
PT6507
PT6502
PT6508
PT6506
PT6503
PT6501
PT6504
Vo (nom)
1.2
1.3
1.5
1.7
1.8
2.5
3.3
3.6
Va (req’d)
1.15
(5.5)k
1.2
(3.0)k
1.25
47.8k
(10.5)k
1.3
22.9k
(1.7)k
1.35
14.6k
47.8k
(3.8)k
1.4
10.5k
22.9k
(8.0)k
(1.3)k
(0.5)k
1.45
8.0k
14.6k
(20.4)k
(2.5)k
(1.2)k
1.5
6.3k
10.5k
(4.2)k
(2.2)k
1.55
5.1k
8.0k
47.8k
(7.1)k
(3.5)k
1.6
4.2k
6.3k
22.9k
(12.9)k
(5.5)k
1.65
3.5k
4.1k
14.6k
(30.4)k
(8.8)k
1.7
3.0k
4.2k
10.5k
(15.4)k
1.75
2.5k
3.5k
8.0k
47.8k
(35.4)k
1.8
2.2k
3.0k
6.3k
22.9k
(1.5)k
1.85
1.8k
2.5k
5.1k
14.6k
47.8k
(2.3)k
1.9
1.6k
2.2k
4.2k
10.5k
22.9k
(3.3)k
1.95
1.3k
1.8k
3.5k
8.0k
14.6k
(4.4)k
2.0
1.1k
1.6k
3.0k
6.3k
10.5k
(5.8)k
2.05
0.9k
1.3k
2.5k
5.1k
8.0k
(7.4)k
2.1
0.8k
1.1k
2.2k
4.2k
6.3k
(9.5)k
2.15
0.6k
0.9k
1.8k
3.5k
5.1k
(12.2)k
2.2
0.5k
0.8k
1.6k
3.0k
4.2k
(15.7)k
2.25
0.4k
0.6k
1.3k
2.5k
3.5k
(20.7)k
(2.3)k
2.3
0.3k
0.5k
1.1k
2.2k
3.0k
(28.2)k
(3.6)k
2.35
0.2k
0.4k
0.9k
1.8k
2.5k
(40.7)k
(5.1)k
2.4
0.3k
0.8k
1.6k
2.2k
(65.6)k
(6.7)k
2.45
0.2k
0.6k
1.3k
1.8k
(140.0)k
(8.5)k
2.5
0.5k
1.1k
1.6k
(10.6)k
(1.5)k
2.55
0.4k
0.9k
1.3k
95.6k
(12.9)k
(2.7)k
2.6
0.3k
0.8k
1.1k
45.7k
(15.6)k
(3.9)k
2.65
0.2k
0.6k
6.9k
29.0k
(18.6)k
(5.3)k
2.7
0.5k
0.8k
20.7k
(22.2)k
(6.8)k
2.75
0.4k
0.6k
15.7k
(26.4)k
(8.5)k
2.8
0.3k
0.5k
12.4k
(31.5)k
(10.4)k
2.85
0.2k
0.4k
10.0k
(37.6)k
(12.6)k
2.9
0.3k
8.3k
(45.4)k
(15.0)k
2.95
0.2k
0.9k
(55.3)k
(17.9)k
3.0
5.8k
(68.6)k
(21.2)k
3.1
4.1k
(115.0)k
(29.9)k
3.2
2.9k
(254.0)k
(42.9)k
3.3
2.0k
(64.6)k
3.4
1.3k
109.0k
(108.0)k
3.5
0.8k
48.4k
(238.0)k
3.6
28.2k
3.7
18.2k
87.9k
3.8
12.1k
37.9k
3.9
4/. Vout >3.8Vdc requires Vin >5.0Vdc !
8.1k
21.2k
4.0
5.2k
12.9k
4.1
3.0k
7.9k
4.2
1.3k
4.6k
4.3
2.2k
R1 = (Blue)
R2 = Black


Similar Part No. - PT6507N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6507 TI-PT6507 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
More results

Similar Description - PT6507N

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
Texas Instruments
SLTS034A TI-SLTS034A Datasheet
237Kb / 10P
[Old version datasheet]   8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PT78ST100 TI1-PT78ST100_14 Datasheet
496Kb / 5P
[Old version datasheet]   Very Small Footprint
logo
American Zettler, Inc.
AZ9375 AZETTLER-AZ9375 Datasheet
129Kb / 2P
   Extremely small footprint
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com