Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6507L Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6507L
Description  Small SIP Footprint
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6507L Datasheet(HTML) 1 Page - Texas Instruments

  PT6507L Datasheet HTML 1Page - Texas Instruments PT6507L Datasheet HTML 2Page - Texas Instruments PT6507L Datasheet HTML 3Page - Texas Instruments PT6507L Datasheet HTML 4Page - Texas Instruments PT6507L Datasheet HTML 5Page - Texas Instruments PT6507L Datasheet HTML 6Page - Texas Instruments PT6507L Datasheet HTML 7Page - Texas Instruments PT6507L Datasheet HTML 8Page - Texas Instruments PT6507L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6500 Series
8 Amp 5V/3.3V Input Adjustable ISR
with Short-Circuit Protection
SLTS034A
(Revised 8/23/2000)
8A Single Device Power
Up to 90% efficiency (PT6501)
Small SIP Footprint
Standby Function
Internal Short Circuit Protection
Over-Temperature Protection
Adjustable Output Voltage
The PT6500 series is a high perfor-
mance +3.1 to 6V input, 8 Amp, 14-Pin
SIP (Single In-line-Package) Inte-
grated Switching Regulator (ISR).
This ISR allows the integration of
high-speed, low-voltage Pentium pro-
cessors and their support logic into
existing 3.3V or 5V systems without
redesigning the central power supply.
The PT6502 (1.5V) provides the low
terminating voltages required by BTL/
Futurebus+, CTT, HP, and GTL Buses
from existing 3.3V or 5V power rails.
Ordering Information
PT6501! = 3.3 Volts
PT6502! = 1.5 Volts
PT6503! = 2.5 Volts
PT6504! = 3.6 Volts
PT6505! = 1.2 Volts
PT6506! = 1.8 Volts
PT6507! = 1.3 Volts
PT6508! = 1.7 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat Tab Configuration
Configuration
None
Side
Vertical Through-Hole
NR
Horizontal Through-Hole
AG
Horizontal Surface Mount
CB
Standard Application
C1 = Required 330µF electrolytic *
C2 = Required 330µF electrolytic *
* See footnotes
PT6500
11,12,13
14
7,8,9,10
4,5,6
3
1
C
2
+
C
1
+
LOAD
V
oADJ
V
IN
STBY
COM
V
OUT
COM
V
o SENSE
Q1
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do not connect
3
STBY*-Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
Pkg Style 400
†3.3V Input Bus Capable
Specifications
Characteristics
PT6500 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
8.0
A
Current Limit
Icl
Vin=+5V
13.0
20.0
A
Short Circuit Current
Isc
Vin=+5V
15.0
Apk
Input Voltage Range
Vin
0.1
≤ Io≤ 8.0A
Vo=2.5V and 3.3V
4.5
6
Vo≤1.8V
3.1
6
V
Vo=3.6V
4.8
6
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 8.0A
Vo-0.1
Vo+0.1
V
Ta = 0 to +70°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo ≥3.3V
±7
±17
3.1V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo ≤1.8V
±3
±8
mV
4.5V
≤ Vin ≤ 6.0V, Io = 8.0A
Vo =2.5V
±7
±13
Load Regulation
Regload
0.1
≤ Io ≤ 8.0A, Vin = +5V
Vo ≥3.3V
±17
±33
Vo ≤1.8V
±12
±23
mV
Vo =2.5V
±13
±25
Vo Ripple/Noise
Vn
Vin = +5V, Io = 8.0 Amp
50
mVpp
Transient Response
ttr
Io step from 4A to 8.0A
100
µsec
with Co = 330µF
Vos
Vo over/undershoot
150
mV
Efficiency
η
Vin = +5V, Io = 3.0A
Vo ≥3.3V
90
Vo =2.5V
85
Vo =1.8V
78
%
Vo =1.5V
76
Vo =1.2V
67
Vin = +5V, Io = 8.0A
Vo ≥3.3V
83
Vo =2.5V
76
Vo =1.8V
74
%
Vo =1.5V
68
Vo =1.2V
65
Switching Frequency
ƒo
Over Vin and Io ranges
475
600
725
kHz
Absolute Maximum
Ta
–40 (3)
—+85 (4)
°C
Operating Temperature Range
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
15
°C/W
Continued


Similar Part No. - PT6507L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6507 TI-PT6507 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
More results

Similar Description - PT6507L

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
Texas Instruments
SLTS034A TI-SLTS034A Datasheet
237Kb / 10P
[Old version datasheet]   8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
PT78ST100 TI1-PT78ST100_14 Datasheet
496Kb / 5P
[Old version datasheet]   Very Small Footprint
logo
American Zettler, Inc.
AZ9375 AZETTLER-AZ9375 Datasheet
129Kb / 2P
   Extremely small footprint
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com