Electronic Components Datasheet Search |
|
PT6515N Datasheet(PDF) 1 Page - Texas Instruments |
|
PT6515N Datasheet(HTML) 1 Page - Texas Instruments |
1 / 11 page For technical support or further information, visit http://power.ti.com Standard Application Features • 8-A Rated Output Current • Replaces PT6500 Series • High Efficiency (91% for PT6511) • Small Footprint (0.75 in², Suffix ‘N’) • Output On/Off Standby Control • Output Short-Circuit Protection • Over-Temperature Protection • Adjustable Output Voltage • Soft Startup • 16-pin Mount Option (Suffixes L & F) PT6510 Series 8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection SLTS220 FEBRUARY 2004 Pin-Out Information Pin Function 1Vo Sense 2 Do Not Connect 3 STBY* 4Vin 5Vin 6Vin 7 GND 8 GND 9 GND 10 GND 11 Vout 12 Vout 13 Vout 14 Vout Adjust * For further information, see application notes. Description The PT6510 series of power modules is the recommended direct replacement for the PT6500 series in existing designs. The modules have the same output cur- rent rating as the PT6500 series (8 A) and were designed to be functionally iden- tical in as many aspects as possible. This includes the input voltage range, on/off standby control, and output voltage ad- justment. When used as a replacement, a PT6510 series part exhibits a number of perfor- mance enhancements over its PT6500 series equivalent. These include improved power dissipation and efficiency, signifi- cantly reduced inrush current, and better line and load regulation. The modules are housed in the same 14-Pin SIP (Single In-line Package), and include the same package options. Ordering Information PT6511 ¨ = 3.3 Volts † PT6512 ¨ = 1.5 Volts PT6513 ¨ = 2.5 Volts PT6514 ¨ = 3.6 Volts † PT6515 ¨ = 1.2 Volts † PT6516 ¨ = 1.8 Volts † 3.3V Input Bus Capable PT Series Suffix (PT1234x ) Case/Pin Order Package Configuration Suffix Code * Vertical N (EED) Horizontal A (EEA) SMD C (EEC) Horizontal, Top Tab H (EEH) SMD, 2-Pin Tab L (EEL) SMD, 2-Pin Ext Tab F (EEF) Vertical, Side Tab R (EEE) Horizontal, Side Tab G (EEG) SMD, Side Tab B (EEK) * Previously known as package styles 400/410. (Package availability varies with output voltage option. Reference the applicable package code drawing for the dimensions and PC board layout) Cin = Required 330 µF electrolytic capacitor. Cout = Required 330 µF electrolytic capacitor. C OUT + C IN + V oADJ V IN COM V OUT COM V oSENSE PT6510 11,12,13 14 7–10 4,5,6 3 1 L O A D |
Similar Part No. - PT6515N |
|
Similar Description - PT6515N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |