Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6516R Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6516R
Description  8-A Rated Output Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6516R Datasheet(HTML) 2 Page - Texas Instruments

  PT6516R Datasheet HTML 1Page - Texas Instruments PT6516R Datasheet HTML 2Page - Texas Instruments PT6516R Datasheet HTML 3Page - Texas Instruments PT6516R Datasheet HTML 4Page - Texas Instruments PT6516R Datasheet HTML 5Page - Texas Instruments PT6516R Datasheet HTML 6Page - Texas Instruments PT6516R Datasheet HTML 7Page - Texas Instruments PT6516R Datasheet HTML 8Page - Texas Instruments PT6516R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and further information, visit http://power.ti.com
PT6510 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection
SLTS220 FEBRUARY 2004
Specifications (Unless otherwise stated, T
a =25 °C, Vin =5 V, Cin =330 µF, Cout =330 µF, and Io =Iomax)
PT6510 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
—8
A
Input Voltage Range
Vin
Over Io Range
Vo ≥ 2.5 V
4.5 (2)
—6
Vo ≤ 1.8 V
3.1 (2)
6
VDC
Vo = 3.6 V
4.8 (2)
—6
Output Voltage Tolerance
Vo tol
Ta = –40 to +85 °C
Vo – 0.1
Vo + 0.1
V
Line Regulation
Regline
Over Vin range
±2
±10
mV
Load Regulation
Regload
Over Io range
±2
±10
mV
Efficiency
η
Io =3 A
Vo =3.3 V
92
Vo =2.5 V
89
Vo =1.8 V
83
%
Vo =1.5 V
80
Vo =1.2 V
75
Io =8 A
Vo =3.3 V
91
Vo =2.5 V
87
Vo =1.8 V
81
%
Vo =1.5 V
77
Vo =1.2 V
72
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
15
mVpp
Over-Current Threshold
Io trip
Reset, followed by auto-recovery
15
A
Transient Response
ttr
1 A/µs load step, 50 % to 100 % Iomax
100
µs
∆Vtr
Vo over/undershoot
±150
mV
Switching Frequencyƒs
Over Vin and Io range
475
550
725
kHz
On/Off Standby (Pin 3)
Referenced to –Vin (pin 7)
Input High Voltage
VIH
Open (3)
V
Input Low Voltage
VIL
–0.1
+0.4
Input Low Current
IIL
–0.5
mA
Standby Input Current
Iin stbyPins 3 & 7 connected
1
5
mA
External Output Capacitance
Cout
See application schematic
330
5,000 (4)
µF
External Input Capacitance
Cin
See application schematic
330 (5)
——µF
Operating Temperature Range
Ta
Over Vin range
–40
+85 (6)
°C
Storage Temperature
Ts
–40
+125
°C
ReliabilityMTBF
Per Bellcore TR-332
6.4
106 Hrs
50 % stress, Ta =40 °C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1 ms, half-sine, mounted to a fixture
Mechanical Vibration
Per Mil-Std-883D, method 2007.2,
—10
G’s
20-2000 Hz
Weight
Suffixes N, A, & C
12.5
Suffixes R, G & B
16.5
Suffix H
18.5
grams
Suffix L
15.5
Suffix F
22
Flammability—
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) The minimum input voltage required by the part is Vout + 1.2 V, or 3.1 V, whichever is greater.
(3) The STBY* control (pin 3) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is the input voltage, Vin. Refer to the application notes for other interface considerations.
(4) The module requires a 330 µF output capacitor for proper operation in all applications. For transient or dynamic load applications, additional output
capacitance (Cout) may be necessary. The maximum allowable output capacitance is 5,000 µF.
(5) In addition, the input capacitance (Cin) must be rated for a minimum of 1.2 Arms ripple current rating. For more information consult the related
application note on capacitor recommendations.
(6) See Safe Operating Area curves or contact the factory for the appropriate derating.
(7) The tab pins on the 16-pin mount package types (suffix L) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT6516R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6516 TI-PT6516 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6516R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
   Rated current : via current transformer 1 A/5 A
November 4, 2021
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Texas Instruments
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com