Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6465 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6465
Description  14 A Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6465 Datasheet(HTML) 1 Page - Texas Instruments

  PT6465 Datasheet HTML 1Page - Texas Instruments PT6465 Datasheet HTML 2Page - Texas Instruments PT6465 Datasheet HTML 3Page - Texas Instruments PT6465 Datasheet HTML 4Page - Texas Instruments PT6465 Datasheet HTML 5Page - Texas Instruments PT6465 Datasheet HTML 6Page - Texas Instruments PT6465 Datasheet HTML 7Page - Texas Instruments PT6465 Datasheet HTML 8Page - Texas Instruments PT6465 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6460 Series
14-A 5-V Input Adjustable
Integrated Switching Regulator
SLTS178B - JANUARY 2003 - REVISED JUNE 2003
Standard Application
Cin
= Required 470 µF
Cout = Optional 330 µF
Ordering Information
PT6461
H = 3.3 Volts
PT6462
H = 2.5 Volts
PT6463
H = 2.0 Volts
PT6464
H = 1.8 Volts
PT6465
H = 1.5 Volts
PT6466
H = 1.2 Volts
PT6467
H = 1.0 Volts
Pin
Function
1
Inhibit*
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
(+)Sense
12
Vo Adjust
Features
5 V Input
14 A Output Current
Low-Profile (8mm)
DSP Compatible
>90 % Efficiency
Adjustable Output Voltage
On/Off Inhibit
Pre-Bias Start-up Capability
Pin-Out Information
* Denotes negative logic:
Open = Output enabled
Ground = Output disabled
Description
The PT6460 Excalibur™ series of integrated
switching regulators (ISRs) combines outstanding
power density with a comprehensive list of features.
They are an ideal choice for applications where
board space is a premium and performance cannot
be compromised. These modules provide a full 14 A
of output current, yet are housed in a low-profile,
12-pin, package that is almost half the size of the
previous product generation. The integral copper
case construction requires no heatsink, and offers
the advantages of solderability and a small footprint
(0.64 in² for suffix ‘N’). Both through-hole and
surface mount pin configurations are available.
The PT6460 series operates from a 5-V input
bus and provides a convenient point-of-load power
source for the industry’s latest high-performance
DSPs and microprocessors. The series includes
output voltage options as low as 1.0 VDC.
Other features include external output voltage
adjustment, on/off inhibit, pre-bias startup, short
circuit protection, and an output remote sense.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EPH)
Horizontal
A
(EPJ)
SMD
C
(EPK)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Over-Current Protection
Output Remote Sense
Optional Output Capacitor
Small Footprint
(0.64 in², Suffix ‘N’)
Surface Mount Compatible
IPC Lead Free 2
PT6460
V
o Adjust
V
IN
5–8
12
9–10
2–4
1
L
O
A
D
C
IN
470 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
11
+V
SENSE


Similar Part No. - PT6465

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6465 TI-PT6465 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6465

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
logo
Analog Devices
AD5770R AD-AD5770R Datasheet
2Mb / 59P
   6-Channel, 14-Bit, Current Output DAC
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
STMicroelectronics
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
   4 A DC output current
June 2012 Rev 1
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com