Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5806A Datasheet(PDF) 10 Page - Texas Instruments

Part # PT5806A
Description  18A Output Current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5806A Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT5806A Datasheet HTML 5Page - Texas Instruments PT5806A Datasheet HTML 6Page - Texas Instruments PT5806A Datasheet HTML 7Page - Texas Instruments PT5806A Datasheet HTML 8Page - Texas Instruments PT5806A Datasheet HTML 9Page - Texas Instruments PT5806A Datasheet HTML 10Page - Texas Instruments PT5806A Datasheet HTML 11Page - Texas Instruments PT5806A Datasheet HTML 12Page - Texas Instruments PT5806A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Using the Margin Up/Down Controls on the
PT5800 & PT5810 Regulator Series
The PT5800 & PT5810 series of integrated switching
regulator modules incorporate Margin Up* (pin 4) and
Margin Dn* (pin 3) control inputs. These controls allow the
output voltage set point to be momentarily adjusted 1,
either up or down, by a nominal 5%. This provides a
convenient method for dynamically testing the load
circuit’s power supply voltage over its operating margin
or range. Note that the ±5% change is also applied to any
adjustment of the output voltage, if made, using the Vo
Adjust (pin 1).
The 5% adjustment is made by driving the appropriate
margin control input directly to the ground reference at
Sense(-) (pin 8) 2. An low-leakage open-drain device, such as
a MOSFET or a p-channel JFET is recommended for this
purpose. Adjustments of less than 5% can also be accom-
modated by adding series resistors to the control inputs
(See Figure 6-1). The value of the resistor can be selected
from Table 6-1, or calculated using the following formula.
Resistor Value Calculation
To reduce the margin adjustment to something less than
5%, series padding resistors are required (See RD and
RU in Figure 6-1). For the same amount of adjustment,
the resistor value calculated for RU and RD will be the
same. The formulas is as follows.
RU/RD =
499
– 99.8
k
∆%
Where
∆% = The desired amount of margin adjust in
percent.
Notes:
1. The Margin Up* and Margin Dn* controls were not
intended to be activated simultaneously. If they are
their affects on the output voltage may not completely
cancel, resulting in a slight shift in the output voltage
set point.
2. When possible use the Sense(-) (pin 8) as the ground
reference. This will produce a more accurate adjustment
of the output voltage at the load circuit terminals. GND
(pins 9-13) can be used if the Sense(-) pin is connected
to GND near the regulator.
C
out
+
C
in
+5V
GND
MargDn
L
O
A
D
Q
2
Sense(–)
+V
OUT
GND
PT5800
18
14–17
8
29–13
5, 6, 7
V
OUT
V
IN
GND
SNS(+)
SNS(–)
INHIBIT*
Q
1
4
3
MARG
DN*
MARG
UP*
+
MargUp
0V
+V
o
R
D
R
U
0V
Figure 6-1; Margin Up/Down Application Schematic
Table 6-1; Margin Up/Down Resistor Values
PADDING RESISTOR VALUES
% Adjust
RU / RD
5
0.0k
4
24.9k
3
66.5k
2
150.0k
1
397.0k
PT5800 & PT5810 Series


Similar Part No. - PT5806A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT5806 ETC-PT5806 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5806A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
HV1000 IXYS-HV1000 Datasheet
335Kb / 3P
   Voltage > 850V, Output Current > 18A
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Inchange Semiconductor ...
2SK1018 ISC-2SK1018 Datasheet
69Kb / 2P
   Drain Current ?밒D=18A@ TC=25C
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
logo
Lowpower Semiconductor ...
LP3211 POWER-LP3211 Datasheet
280Kb / 6P
   280mA Output current
logo
MicroPower Direct, LLC
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com