Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4413C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4413C
Description  Programmable Output Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4413C Datasheet(HTML) 4 Page - Texas Instruments

  PT4413C Datasheet HTML 1Page - Texas Instruments PT4413C Datasheet HTML 2Page - Texas Instruments PT4413C Datasheet HTML 3Page - Texas Instruments PT4413C Datasheet HTML 4Page - Texas Instruments PT4413C Datasheet HTML 5Page - Texas Instruments PT4413C Datasheet HTML 6Page - Texas Instruments PT4413C Datasheet HTML 7Page - Texas Instruments PT4413C Datasheet HTML 8Page - Texas Instruments PT4413C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All data listed in the above graphs has been developed from actual products tested at 25 °C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperature.
PT4412—48 V
100-Watt 48-V Input
Isolated DC/DC Converter
PT4412 Characterstic Data
Efficiency vs Load Current; Vin =48 V (See Note A)
Output Ripple vs Load Current; Vin =48 V (See Note A)
Power Dissipation vs Load Current; Vo =1.5 V (See Note A)
Safe Operating Area; Vin =48 V (See Note B)
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
50
60
70
80
90
100
0
5
10
15
20
25
30
Iout (A)
1.75V
1.5V
1.2V
1.05V
VOUT
0
10
20
30
40
50
0
5
10
15
20
25
30
Iout (A)
1.75V
1.5V
1.2V
1.05V
VOUT
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
SLTS170C - JULY 2002 - REVISED JUNE 2003
PT4412 Specifications (Unless otherwise stated, Ta =25 °C, Vin =48 V, Vo =1.5 V, Co =0 µF, and Io =Iomax)
PT4412
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0
30
A
Input Voltage Range
Vin
Over Io Range
36
48
75
V
Set Point Voltage Tolerance
Vo tol
±0.6 (1)
—%Vo
Temperature Variation
Regtemp
–40° >Ta > +85 °C
±0.8
%Vo
Line Regulation
Regline
Over Vin range
±1
mV
Load Regulation
Regload
Over Io range
±1
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.6
±3
%Vo
–40° >Ta > +85 °C
Efficiency
η
Io =15 A
86.5
%
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
30
mVpp
Transient Response
ttr
1 A/µs load step, 50 % to 75 % Iomax
75
µs
∆Vtr
Vo over/undershoot
±5
%Vo
Over-Current Threshold
ITRIP
Shutdown, followed by auto-recovery
38
A
Output Over-Voltage Protection
OVP
Output shutdown and latch off
125
%Vo
Switching Frequency
ƒo
Over Vin range
225
275
325
kHz
Under-Voltage Lockout
UVLO
32
V
Remote On/Off Input
Referenced to –Vin
Input High Voltage
VIH
4.5
Open (2)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–0.3
mA
Standby Input Current
Iin standby
pins 1 & 2 connected
2
mA
Internal Input Capacitance
Cin
—1.4
µF
External Output Capacitance
Cout
Between +Vo and –Vo
0
5,000
µF
Isolation Voltage
Input-output & input-case
1500
Vdc
Capacitance
Input-output
1200
pF
Resistance
Input-output
10
M
Notes:
(1) If (–)Remote Sense is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
(2) The Remote On/Off input has an internal pull-up. If it is left open-circuit the module will operate when input power is applied. A discrete MOSFET or
bipolar transistor is recommended to control this input. The open-circuit voltage is typically 5 V. See application notes for interface considerations.


Similar Part No. - PT4413C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4413C TI-PT4413C Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4413C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B_12 Datasheet
985Kb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
385Kb / 11P
   Programmable Output Voltage to 40V
logo
Texas Instruments
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
   Programmable output voltage to 36V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com