Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4841 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT4841
Description  1500VDC Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4841 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT4841 Datasheet HTML 4Page - Texas Instruments PT4841 Datasheet HTML 5Page - Texas Instruments PT4841 Datasheet HTML 6Page - Texas Instruments PT4841 Datasheet HTML 7Page - Texas Instruments PT4841 Datasheet HTML 8Page - Texas Instruments PT4841 Datasheet HTML 9Page - Texas Instruments PT4841 Datasheet HTML 10Page - Texas Instruments PT4841 Datasheet HTML 11Page - Texas Instruments PT4841 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4840 Series
Figure 3; Vo1, Vo2, Vo3 Power-Up Sequence
On/Off Output Voltage Sequencing
The Vo2 and Vo3 low-voltage outputs from the PT4840
series of DC/DC converters are internally sequenced to
meet the power-up requirements of popular micropro-
cessor and DSP chipsets. Figure 3 shows the waveforms
from a PT4841 after power is applied to the input of the
converter. During power-up, the Vo1 reaches its output
regulation voltage first, followed the Vo2 and Vo3 voltages.
The Vo2 and Vo3 voltage waveforms typically track within
0.4V prior to Vo2 reaching regulation. The waveforms
were measured with resistive loads of 2A, 3A, and 3A, at
Vo1, Vo2, and Vo3 respectively. The input source volt-
age was 48-VDC. The converter typically produces a
fully regulated output within 25ms.
Using the On/Off Enable Controls on the PT4840
Series of Triple Output DC/DC Converters
The PT4840 (48V input) series of 65-W, triple-output
DC/DC converters incorporate two output enable controls.
EN1 (pin 3) is the Negative Enable input, and EN2 (pin 4)
is the Positive Enable input. Both inputs are electrically
referenced to -Vin (pin 2) on the primary or input side of
the converter. A pull-up resistor is not required, but may
be added if desired. Voltages of up to 70V can be safely
applied to the either of the Enable pins.
Automatic (UVLO) Power-Up
Connecting EN1 (pin 3) to -Vin (pin 2) and leaving EN2
(pin 4) open-circuit configures the converter for auto-
matic power up. (See data sheet “Typical Application”).
The converter control circuitry incorporates an “Under
Voltage Lockout” (UVLO) function, which disables the
converter until the minimum specified input voltage is
present at ±Vin. (See data sheet Specifications). The UVLO
circuitry ensures a clean transition during power-up and
power-down, allowing the converter to tolerate a slow-
rising input voltage. For most applications EN1 and
EN2, can be configured for automatic power-up.
Positive Output Enable (Negative Inhibit)
To configure the converter for a positive enable func-
tion, connect EN1 (pin 3) to -Vin (pin 2), and apply the
system On/Off control signal to EN2 (pin 4). In this
configuration, a low-level input voltage (-Vin potential)
applied to pin 4 disables the converter outputs. Figure 1
is an example of this configuration.
Negative Output Enable (Positive Inhibit)
To configure the converter for a negative enable function,
EN2 (pin 4) is left open circuit, and the system On/Off
control signal is applied to EN1 (pin 3). A low-level
input voltage (-Vin potential) must then be applied to
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs Off
4
3
2
BSS138
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs On
4
3
2
BSS138
Figure 2; Negative Enable Configuration
Figure 1; Positive Enable Configuration
During turn-off, all outputs drop rapidly due to the
discharging effect of actively switched rectifiers. The
voltage at Vo2 remains higher than Vo3 during this
period. The discharge time is typically 100µs, but will
vary with the amount of external load capacitance.
pin 3 in order to enable the outputs of the converter.
An example of this configuration is detailed in Figure 2.
Note: The converter will only produce and output voltage if a
valid input voltage is applied to ±Vin.
Vo1 (5V/Div)
Vo2 (1V/Div)
Vo3 (1V/Div)
HORIZ SCALE: 2ms/Div


Similar Part No. - PT4841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4841 TI-PT4841 Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4841A TI-PT4841A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4841C TI-PT4841C Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4841N TI-PT4841N Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
More results

Similar Description - PT4841

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
logo
Wall Industries,Inc.
MSLU WALL-MSLU Datasheet
222Kb / 7P
   1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
MORNSUN Science& Techno...
PV45-29D1508-06 MORNSUN-PV45-29D1508-06 Datasheet
970Kb / 4P
   New energy 150-1500VDC over wide and over high input voltage isolation switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com