Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4484C Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4484C
Description  36V to 75V Input Voltage Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4484C Datasheet(HTML) 7 Page - Texas Instruments

  PT4484C Datasheet HTML 1Page - Texas Instruments PT4484C Datasheet HTML 2Page - Texas Instruments PT4484C Datasheet HTML 3Page - Texas Instruments PT4484C Datasheet HTML 4Page - Texas Instruments PT4484C Datasheet HTML 5Page - Texas Instruments PT4484C Datasheet HTML 6Page - Texas Instruments PT4484C Datasheet HTML 7Page - Texas Instruments PT4484C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT4484C
NRND
SIP MOD
ULE
EKC
26
6
TBD
Call TI
Level-3-215C-168HRS
PT4484N
NRND
SIP MOD
ULE
EKD
26
6
TBD
Call TI
Level-1-215C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Aug-2008
Addendum-Page 1


Similar Part No. - PT4484C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
More results

Similar Description - PT4484C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
   Input operating range: 36V to 75V Output voltage: 3.3V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
   Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
   Based Eighth Brick Reference Board Input operating range: 36V to 75V
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
National Semiconductor ...
LM5046 NSC-LM5046_1 Datasheet
3Mb / 14P
   Input operating range: 36V to 75V Line UVLO (34V/32V on/off)
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com