Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4101C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4101C
Description  1500 VDC Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4101C Datasheet(HTML) 3 Page - Texas Instruments

  PT4101C Datasheet HTML 1Page - Texas Instruments PT4101C Datasheet HTML 2Page - Texas Instruments PT4101C Datasheet HTML 3Page - Texas Instruments PT4101C Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT4101C
OBSOLETE DIP MODULE
EGE
6
TBD
Call TI
Call TI
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT4101C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4101C TI-PT4101C Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4101C TI-PT4101C Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
More results

Similar Description - PT4101C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
   1500 Vdc isolation test voltage
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com