Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78ST110V Datasheet(PDF) 2 Page - Texas Instruments

Part # PT78ST110V
Description  Very Small Footprint
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT78ST110V Datasheet(HTML) 2 Page - Texas Instruments

  PT78ST110V Datasheet HTML 1Page - Texas Instruments PT78ST110V Datasheet HTML 2Page - Texas Instruments PT78ST110V Datasheet HTML 3Page - Texas Instruments PT78ST110V Datasheet HTML 4Page - Texas Instruments PT78ST110V Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
913
17
21
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
12
1518212427
30333639
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
16
19
22
25
28
31
34
37
40
PT78ST133, 3.3 VDC
(See Note 1)
PT78ST105, 5.0 VDC (See Note 1)
PT78ST112, 12.0 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9.0V
12.0V
15.0V
20.0V
26.0V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
16.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
50
100
150
200
250
300
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
16.0V
Vin
0
20
40
60
80
100
00.25
0.5
0.7511.25
1.5
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
16.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
00.25
0.5
0.7511.25
1.5
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
85°C
60°C
70°C
85°C
85°C
70°C
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
30
60
90
120
150
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
60°C
70°C
60°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
1.5 Amp Positive Step-Down
Integrated Switching Regulator
PT78ST100 Series


Similar Part No. - PT78ST110V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78ST110V TI-PT78ST110V Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST110V TI-PT78ST110V Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST110V TI1-PT78ST110V Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
More results

Similar Description - PT78ST110V

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
Texas Instruments
PT6500 TI1-PT6500_14 Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
logo
American Zettler, Inc.
AZ9375 AZETTLER-AZ9375 Datasheet
129Kb / 2P
   Extremely small footprint
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
OSRAM GmbH
SFH2716 OSRAM-SFH2716 Datasheet
421Kb / 12P
   Very small SMT package
logo
Sangdest Microelectroni...
ST30100DJF SMC-ST30100DJF Datasheet
131Kb / 4P
   Very small conduction losses
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com