Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4411 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4411
Description  Programmable Output Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4411 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT4411 Datasheet HTML 3Page - Texas Instruments PT4411 Datasheet HTML 4Page - Texas Instruments PT4411 Datasheet HTML 5Page - Texas Instruments PT4411 Datasheet HTML 6Page - Texas Instruments PT4411 Datasheet HTML 7Page - Texas Instruments PT4411 Datasheet HTML 8Page - Texas Instruments PT4411 Datasheet HTML 9Page - Texas Instruments PT4411 Datasheet HTML 10Page - Texas Instruments PT4411 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4400/4410 Series
Using the Remote On/Off Function on the
PT4400/PT4410 Series of DC/DC Converters
For applications requiring output voltage On/Off control,
these converters incorporate a “Remote On/Off” control
(pin 1). This feature can be used to switch the module
off without removing the applied input source voltage.
The converter functions normally with Pin 1 open-circuit,
providing a regulated output voltage when a valid source
voltage is applied to +Vin (pins 4, 5), with respect to
-Vin (pins 2, 3). When a low-level 1 ground signal is
applied to pin 1, the converter output will be turned off.
Figure 1 is an application schematic, which shows the
typical use of the Remote On/Off function. Note the dis-
crete transistor (Q1). The Remote On/Off pin has its
own internal pull-up, allowing it to be controlled with an
open-collector or open-drain device (See notes 2 & 3).
Table 1 gives the threshold requirements.
When placed in the “Off” state, the standby current drawn
from the input source is typically reduced to less than 1mA.
Table 1; Pin 1 Remote On/Off Control Requirements 1
Parameter
Min
Typ
Max
Enable (VIH)
4.5 V
Disable (VIL)
0.8 V
Vo/c [Open-Circuit]
5.0 V
Iin [pin 1 at –Vin]
–0.5 mA
Notes:
1.The Remote On/Off control uses –Vin (pins 2, 3) as its
ground reference. All voltages are with respect to –Vin.
2.Use an open-collector device (preferably a discrete
transistor) for the Remote On/Off input. A pull-up
resistor is not necessary. To disable the output voltage,
the control pin should be pulled low to less than +0.8 V.
3.The Remote On/Off pin may be controlled with devices that
have a totem-pole output. This is provided the output
high-level voltage (VOH) meets the module’s minimum
VIH specified in Table 1. Do not apply more than +20 V.
If a TTL gate is used, a pull-up resistor may be required to
the logic supply voltage.
4.The converter incorporates an “Under-Voltage Lockout”
(UVLO). The UVLO keeps the converter off until
the input voltage is close to the minimum specified
operating voltage. This is regardless of the state of
the Remote On/Off control. Table 2 gives the UVLO
input voltage thresholds.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low-voltage to pin 1 and disables the converter
output. Correspondingly, turning Q1 off allows pin 1 to
be pulled high by an internal pull-up resistor. The con-
verter produces a regulated output voltage within 50ms.
Figure 2 shows the output response of a PT4401 following
the turn-off of Q1. The turn off of Q1 corresponds to the
drop in Q1 Vgs. Although the rise-time of the output
voltage is short (<5 ms), the indicated delay time will
vary depending upon the input voltage and the module’s
internal timing. The output voltage of the PT4401 was
set to 3.3 V by connecting VID0 (pin 7), VID2 (pin 9),
and VID3 (pin 10) to the (–)Remote Sense (pin 12). The
waveforms were measured with 48 VDC input voltage,
and a 10 A resistive load.
Figure 2
L
O
A
D
PT4401
+V
sns
+V
out
-V
out
-V
sns
21
17–20
13–16
12
711
810
9
VID0 - VID4
+V
in
–V
in
4, 5
2, 3
1
Remote
On/Off
PROGRAMMING PINS
+3.3V
+V
IN
–V
IN
0V
– REMOTE SENSE
+ REMOTE SENSE
C
o
R1
10k
Q1
BSS138
Vdd
1 =OFF
Note 1
U1a
Note 1
Note 1
Table 2; UVLO Thresholds 4
Series
Vin Range
UVLO Threshold
PT4400/4410
36 – 75 V
32V ±2 V
Vo (1V/Div)
Iin (1A/Div)
Q1 Vgs (10V/Div)
HORIZ SCALE: 5ms/Div
Delay Time


Similar Part No. - PT4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4411A TI-PT4411A Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
PT4411C TI-PT4411C Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
PT4411N TI-PT4411N Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4411

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B_12 Datasheet
985Kb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
385Kb / 11P
   Programmable Output Voltage to 40V
logo
Texas Instruments
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
   Programmable output voltage to 36V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com