Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT3403 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT3403
Description  35W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3403 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT3403 Datasheet HTML 6Page - Texas Instruments PT3403 Datasheet HTML 7Page - Texas Instruments PT3403 Datasheet HTML 8Page - Texas Instruments PT3403 Datasheet HTML 9Page - Texas Instruments PT3403 Datasheet HTML 10Page - Texas Instruments PT3403 Datasheet HTML 11Page - Texas Instruments PT3403 Datasheet HTML 12Page - Texas Instruments PT3403 Datasheet HTML 13Page - Texas Instruments PT3403 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Power-Up Sequencing Feature of the
PT3400 Series of DC/DC Converters
Introduction
Power-up sequencing is a term used to describe the
order and timing that supply voltages power up in a
multi-voltage power supply system. Multi-voltage power
supply architectures are a common place requirement in
electronic circuits that employ high-performance mi-
croprocessors or digital signal processors (DSPs). These
circuits require a tightly regulated low-voltage supply
for the processor core, and a higher voltage to power
the processor’s system interface or I/O circuitry. Power-
up sequencing is often required between two such voltages
in order to manage the voltage differential during the brief
period of power-up. This reduces stress and improves the
long term reliability of the dual-voltage devices and their
associated circuitry. The most popular solution is termed
“Simultaneous Startup,” whereby the two affected voltages
both start at the same time and then rise at the same rate.
Configuration for Power-up Sequencing
The PT3400 series converters have a feature that allows
individual modules to be easily configured for simulta-
neous startup. Using the SEQ control (pin 5), two PT3400
modules are simply interconnected with just a few passive
components. This eliminates much of the application
circuitry that would otherwise be required for this type of
setup. The schematic is given in Figure 4-1. The setup is
relatively simple but varies slightly with the combination
of output voltages being sequenced. Capacitor C3 (5) is only
required when the modules selected are a mix between
a high-voltage module (3.3V through 1.8V), and a low-
voltage module (
≤1.5V). For all other configurations
C3 is replaced by a wire link. For clarification Table 4-1
indicates which modules are a high voltage type (Type A),
and which are a low voltage type (Type B). Table 4-2
provides guidance as to the one combination that requires
the capacitor C3. Examples of waveforms obtained from a
sequenced start-up between two PT3400 series modules
are provided in Figure 4-2, Figure 4-3, and Figure 4-4.
In each case the voltage difference during the synchronized
portion of the power up sequence is typically within 0.4V.
Both the timing and tracking of output voltages during
the power-up sequence will vary slightly with input voltage,
temperature, and with differences in the output capaci-
tance and load current between the two converter modules.
This power-up sequencing solution may not be suitable
for every application. To ensure compatibility the appli-
cation should be tested against all variances. For additional
support please contact a Plug-in Power applications
specialist.
PT3400 Series
Table 4-1; PT3400 Module Type Identification
PART No.
VOUT
TYPE A
TYPE B
PT3401
(3.3V)
×
PT3402
(2.5V)
×
PT3403
(1.8V)
×
PT3404
(1.5V)
×
PT3405
(1.4V)
×
PT3406
(1.2V)
×
PT3407
(1.0V)
×
Table 4-2; Value of C3 in Sequencing Setup
MODULE #1 MODULE #2
C3
COMMENTS
A
A
Wire link
Waveforms given in Figure 4-2
B
B
Wire link
Waveforms given in Figure 4-3
A
B
0.1µF (5)
Waveforms given in Figure 4-4
Notes
1. The two converters configured for sequenced power up
must be located close together on the same printed circuit
board.
2. When configured for power-up sequencing, a minimum
of 1,000µF output capacitance is recommended at the
output of each converter.
3. The best results are obtained if a load of 1A or greater is
present at both converter outputs.
4. The capacitors, C1 and C2, should each be placed close to
their associated converter, Module #1, and Module #2
respectively. Combining C1 and C2 to a single capacitor of
equivalent value is not recommended.
5. The capacitor C3 is only required whenever a Type A and
Type B converter are connected together for sequenced
power-up. In this event C3 should always be connected to
the SEQ control (pin 5) of the Type B module, or the
converter with the lowest output voltage. For all other
converter configurations C3 is not required, and is
replaced by a copper trace or wire link.
6. The capacitors selected for C1, C2, & C3 should be of
good quality and have stable characteristics. Capacitors
with an X7R dielectric, and 5% tolerance are
recommended.
7. The enable controls, EN1 & EN2, are optional for a
sequenced pair of converters. If an enable signal is desired,
EN1 or EN2 of both converters units must be controlled
from a single transistor.


Similar Part No. - PT3403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3403 TI-PT3403 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT3403

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com