Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL1708DBQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1708DBQR
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1708DBQR Datasheet(HTML) 4 Page - Texas Instruments

  PLL1708DBQR Datasheet HTML 1Page - Texas Instruments PLL1708DBQR Datasheet HTML 2Page - Texas Instruments PLL1708DBQR Datasheet HTML 3Page - Texas Instruments PLL1708DBQR Datasheet HTML 4Page - Texas Instruments PLL1708DBQR Datasheet HTML 5Page - Texas Instruments PLL1708DBQR Datasheet HTML 6Page - Texas Instruments PLL1708DBQR Datasheet HTML 7Page - Texas Instruments PLL1708DBQR Datasheet HTML 8Page - Texas Instruments PLL1708DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
all specifications at TA = 25°C, VDD1–VDD3 (= VDD) = VCC = 3.3 V, fM = 27 MHz, crystal oscillation, fS = 48 kHz (unless otherwise noted)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
Output clock jitter (5)
SCKO0, SCKO1
58
100
ps
Output clock jitter (5)
SCKO2, SCKO3
50
100
ps
Frequency Settling Time(7)
PLL1707, to stated output frequency
50
150
ns
Frequency Settling Time(7)
PLL1708, to stated output frequency
80
300
ns
Power-up time (8)
To stated output frequency
3
6
ms
POWER SUPPLY REQUIREMENTS
VCC, VDD
Supply voltage range
2.7
3.3
3.6
Vdc
IDD +ICC
Supply current (9)
VDD = VCC = 3.3 V, fS = 48 kHz
19
25
mA
IDD + ICC
Supply current (9)
Power down(10)
350
550
µA
Power dissipation
VDD = VCC = 3.3 V, fS = 48 kHz
63
90
mW
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θJA
Thermal resistance
PLL1707/8DBQ: 20-pin SSOP (150 mil)
150
°C/W
(1) Pins 5, 6, 7, 12: FS1/MD, FS2/MC, SR/MS, CSEL (Schmitt-trigger input with internal pulldown, 3.3-V tolerant)
(2) Pins 2, 3, 14, 15, 18, 19: SCKO2, SCKO3, MCKO1, MCKO2, SCKO0, SCKO1
(3) Pin 10: XT1
(4) Pin 11: XT2
(5) Jitter performance is specified as standard deviation of jitter for 27-MHz crystal oscillation and default SCKO frequency setting. Jitter
performance varies with master clock mode, SCKO frequency setting and load capacitance on each clock output.
(6) The delay time from power on to oscillation
(7) The settling time when the sampling frequency is changed
(8) The delay time from power on to lockup
(9) fM = 27-MHz crystal oscillation, no load on MCKO1, MCKO2, SCKO0, SCKO1, SCKO2, SCKO3. Power supply current varies with sampling
frequency selection and load condition.
(10) While all bits of CE[6:1] are 0, the PLL1708 goes into power-down mode.
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD1
SCKO2
SCKO3
DGND1
FS1
FS2
SR
VCC
AGND
XT1
VDD3
SCKO1
SCKO0
DGND3
DGND2
MCKO2
MCKO1
VDD2
CSEL
XT2
PLL1707
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD1
SCKO2
SCKO3
DGND1
MD
MC
MS
VCC
AGND
XT1
VDD3
SCKO1
SCKO0
DGND3
DGND2
MCKO2
MCKO1
VDD2
CSEL
XT2
PLL1708
(TOP VIEW)


Similar Part No. - PLL1708DBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1708DBQR BURR-BROWN-PLL1708DBQR Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results

Similar Description - PLL1708DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
[Old version datasheet]   3.3-V DUAL-PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
   3.3 V 1:8 LVCMOS PLL Clock Generator
2019
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
   3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
   3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com