Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA206UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PGA206UA
Description  INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA206UA Datasheet(HTML) 4 Page - Texas Instruments

  PGA206UA Datasheet HTML 1Page - Texas Instruments PGA206UA Datasheet HTML 2Page - Texas Instruments PGA206UA Datasheet HTML 3Page - Texas Instruments PGA206UA Datasheet HTML 4Page - Texas Instruments PGA206UA Datasheet HTML 5Page - Texas Instruments PGA206UA Datasheet HTML 6Page - Texas Instruments PGA206UA Datasheet HTML 7Page - Texas Instruments PGA206UA Datasheet HTML 8Page - Texas Instruments PGA206UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
®
PGA206/207
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and VS = ±15V, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (°C)
10n
1n
100p
10p
1p
100f
10f
–75
0
–50
–25
25
50
75
100
125
I
B
I
OS
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
G = 10V/V
G = 1V/V
+PSR
–PSR
GAIN vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
30
20
10
0
–10
–20
G = 10
G = 8
G=5
G = 4
G = 2
G = 1
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
1k
10k
100k
1M
10M
G = 10V/V
G = 1V/V
INPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
1k
100
10
1
100
10
1k
10k
100k
G = 1
G = 10
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
Limited
by A1
+ Output
Swing
A
3 – Output
Swing Limit
A
3 + Output
Swing Limit
Limited
by A
2
– Output
Swing
Limited
by
A 1
– Output
Swing
Limited
by A
2
+ Output
Swing
VD/2
+
+
+
VD/2
VCM
VO
(Any Gain)


Similar Part No. - PGA206UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA206UA BURR-BROWN-PGA206UA Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA206UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com