Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS621351RGXR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS621351RGXR
Description  High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS621351RGXR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS621351RGXR Datasheet HTML 4Page - Texas Instruments TPS621351RGXR Datasheet HTML 5Page - Texas Instruments TPS621351RGXR Datasheet HTML 6Page - Texas Instruments TPS621351RGXR Datasheet HTML 7Page - Texas Instruments TPS621351RGXR Datasheet HTML 8Page - Texas Instruments TPS621351RGXR Datasheet HTML 9Page - Texas Instruments TPS621351RGXR Datasheet HTML 10Page - Texas Instruments TPS621351RGXR Datasheet HTML 11Page - Texas Instruments TPS621351RGXR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
GND
control logic
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
SW
VIN
PG
comp
comp
+
_
timer t , t
ON
OFF
DCS - Control
TM
direct control &
compensation
comparator
ramp
EN
SS/TR
VOS
FB
EN
Soft
start
Thermal
Shutdown
VSEL
FB2
Copyright © 2016, Texas Instruments Incorporated
8
TPS62135, TPS621351
SLVSBH3A – JUNE 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62135 TPS621351
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS62135 synchronous switched mode power converters are based on DCS-Control™ (Direct Control with
Seamless Transition into Power Save Mode), an advanced regulation topology, that combines the advantages of
hysteretic, voltage mode and current mode control. This control loop takes information about output voltage
changes and feeds it directly to a fast comparator stage. It sets the switching frequency, which is constant for
steady state operating conditions, and provides immediate response to dynamic load changes. To get accurate
DC load regulation, a voltage feedback loop is used. The internally compensated regulation network achieves
fast and stable operation with small external components and low ESR capacitors.
The DCS-Control™ topology supports PWM (Pulse Width Modulation) mode for medium and heavy load
conditions and a Power Save Mode at light loads. During PWM, it operates at its nominal switching frequency in
continuous conduction mode. This frequency is typically about 2.5 MHz with a controlled frequency variation
depending on the input voltage. If the load current decreases, the converter enters Power Save Mode to sustain
high efficiency down to very light loads. In Power Save Mode the switching frequency decreases linearly with the
load current. Since DCS-Control™ supports both operation modes within one single building block, the transition
from PWM to Power Save Mode is seamless without effects on the output voltage. An internal current limit
supports nominal output currents of up to 3.5 A. The TPS62135x family offers both excellent DC voltage and
superior load transient regulation, combined with very low output voltage ripple, minimizing interference with RF
circuits.
9.2 Functional Block Diagram
The discharge switch on the VOS pin is only available in the TPS62135.


Similar Part No. - TPS621351RGXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS621351RGXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com