Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62134CRGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62134CRGTR
Description  TPS62134x, 17-V Input, Step-down Converter With Low-Power Mode Input for Intel Skylake Platform
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62134CRGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62134CRGTR Datasheet HTML 6Page - Texas Instruments TPS62134CRGTR Datasheet HTML 7Page - Texas Instruments TPS62134CRGTR Datasheet HTML 8Page - Texas Instruments TPS62134CRGTR Datasheet HTML 9Page - Texas Instruments TPS62134CRGTR Datasheet HTML 10Page - Texas Instruments TPS62134CRGTR Datasheet HTML 11Page - Texas Instruments TPS62134CRGTR Datasheet HTML 12Page - Texas Instruments TPS62134CRGTR Datasheet HTML 13Page - Texas Instruments TPS62134CRGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
O
S(PSM)
2
I
O
I
on
O
2
I
ƒ
V
V
V
t
V
L
´
=
-
´
´
O
on
I
V
t
1 s
V
=
m ´
TPS62134x
C2
47 µF
L1
1 µH
SW
VOS
AGND
PGND
FBS
C
(LOAD)
Load
Ground Plane Connection
TPS62134A, TPS62134B, TPS62134C, TPS62134D
SLVSC20D – JANUARY 2015 – REVISED MAY 2015
www.ti.com
9.3.7 Single-Ended Remote Sense (FBS)
The devices allow a single-ended remote sense by connecting the FBS pin at the load. This function overcomes
the parasitic resistance of the PCB traces and achieves an improved output-voltage regulation at the load. Avoid
any noise coupled into the FBS trace. Use a solid ground plane to connect the ground return of the load with the
AGND and PGND pins of the device. Connect the AGND and PGND pins directly to exposed thermal pad of the
device. Figure 3 shows an example.
Figure 3. Remote Sense Connection
9.3.8 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 160°C
(typical), the device goes into thermal shutdown. Both the high-side and low-side power MOSFETs are turned
off. When TJ decreases below the hysteresis of 20°C, the converter resumes normal operation, beginning with a
soft start.
9.4 Device Functional Modes
9.4.1 PWM Operation and Power Save Mode
The device operates with pulse width modulation (PWM) in medium and heavy load with a fixed on-time circuitry
(ton). Use Equation 2 to calculate the on-time in steady-state operation.
(2)
The typical PWM switching frequency is 1 MHz. The frequency variation in PWM is controlled and depends on
VI, VO, and the inductance. The switching frequency decreases with the input voltage to improve the efficiency in
small duty-cycle applications.
To maintain high efficiency at light loads, the device enters PSM at the boundary to discontinuous conduction
mode (DCM). In PSM, the switching frequency decreases linearly with the load current maintaining high
efficiency. Use Equation 3 to calculate the switching frequency in PSM mode.
(3)
See Figure 12 for the switching frequency variation over load and input voltage.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62134A TPS62134B TPS62134C TPS62134D


Similar Part No. - TPS62134CRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62134CRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS54424 TI1-TPS54424 Datasheet
2Mb / 40P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous SWIFT Step-Down Converter with Current Mode Control
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com