Electronic Components Datasheet Search |
|
TPS62042DRCR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS62042DRCR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 30 page TPS62040 TPS62042, TPS62043 TPS62044, TPS62046 SLVS463B − JUNE 2003 − REVISED OCTOBER 2005 1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER FEATURES D Up to 95% Conversion Efficiency D Typical Quiescent Current: 18 µA D Load Current: 1.2 A D Operating Input Voltage Range: 2.5 V to 6.0 V D Switching Frequency: 1.25 MHz D Adjustable and Fixed Output Voltage D Power Save Mode Operation at Light load Currents D 100% Duty Cycle for Lowest Dropout D Internal Softstart D Dynamic Output Voltage Positioning D Thermal Shutdown D Short-Circuit Protection D 10 Pin MSOP PowerPad™ Package D 10 Pin QFN 3 X 3 mm Package APPLICATIONS D PDA, Pocket PC and Smart Phones D USB Powered Modems D CPUs and DSPs D PC Cards and Notebooks D xDSL Applications D Standard 5-V to 3.3-V Conversion DESCRIPTION The TPS6204x family of devices are high efficiency synchronous step-down dc-dc converters optimized for battery powered portable applications. The devices are ideal for portable applications powered by a single Li-Ion battery cell or by 3-cell NiMH/NiCd batteries. With an output voltage range from 6.0 V down to 0.7 V, the devices support low voltage DSPs and processors in PDAs, pocket PCs, as well as notebooks and subnotebook computers. The TPS6204x operates at a fixed switching frequency of 1.25 MHz and enters the power save mode operation at light load currents to maintain high efficiency over the entire load current range. For low noise applications, the devices can be forced into fixed frequency PWM mode by pulling the MODE pin high. The TPS6204x supports up to 1.2-A load current. 7 VIN VIN EN MODE SW FB PGND PGND SW GND 2 3 1 4 9 10 5 8 6 TPS6204x VI 2.5 V to 6 V VO 0.7 V to VI /1.2 A C2 22 µF C1 22 µF L1 6.2 µH Typical Application Circuit 1.2-A Output Current 40 45 50 55 60 65 70 75 80 85 90 95 100 0 0.01 0.1 1 10 100 1 k 10 k VI = 2.7 V VI = 3.6 V VI = 5 V MODE = Low VI = 3.6 V MODE = High EFFICIENCY vs LOAD CURRENT IL − Load Current − mA VO = 1.8 V PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright © 2003 − 2005, Texas Instruments Incorporated PowerPAD is a trademark of Texas Instruments. |
Similar Part No. - TPS62042DRCR |
|
Similar Description - TPS62042DRCR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |