Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62111-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62111-EP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62111-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62111-EP Datasheet HTML 5Page - Texas Instruments TPS62111-EP Datasheet HTML 6Page - Texas Instruments TPS62111-EP Datasheet HTML 7Page - Texas Instruments TPS62111-EP Datasheet HTML 8Page - Texas Instruments TPS62111-EP Datasheet HTML 9Page - Texas Instruments TPS62111-EP Datasheet HTML 10Page - Texas Instruments TPS62111-EP Datasheet HTML 11Page - Texas Instruments TPS62111-EP Datasheet HTML 12Page - Texas Instruments TPS62111-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
5V
4.2V
12V
8.4V
V
=3.3V
T
PWMMode
O
A =25 C
o
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
5V
4.2V
12V
8.4V
V
=3.3V
T
PFMMode
O
A =25 C
o
2000
1600
1100
1800
1400
900
700
400
100
1900
1500
1000
1700
1200
1300
800
500
200
600
300
0
3.2
3.6
5.2
4
5.6
6
4.4
4.8
V -InputVoltage-V
I
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
5V
12V
8.4V
V
=3.3V
SYNC=1.4MHz
T
PFMMode
O
A =25 C
o
TPS62110-EP
TPS62111-EP
TPS62112-EP
www.ti.com .............................................................................................................................................................. SLVS630C – APRIL 2007 – REVISED MAY 2008
TPS62111
TPS62111
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
TPS62111
TPS62111
EFFICIENCY
MAXIMUM OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Similar Part No. - TPS62111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62111 TI-TPS62111 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62111 TI-TPS62111 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62111 TI-TPS62111 Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62111MRSAREP TI1-TPS62111MRSAREP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62111RSA TI-TPS62111RSA Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
More results

Similar Description - TPS62111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com