Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62097RWKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62097RWKT
Description  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62097RWKT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62097RWKT Datasheet HTML 1Page - Texas Instruments TPS62097RWKT Datasheet HTML 2Page - Texas Instruments TPS62097RWKT Datasheet HTML 3Page - Texas Instruments TPS62097RWKT Datasheet HTML 4Page - Texas Instruments TPS62097RWKT Datasheet HTML 5Page - Texas Instruments TPS62097RWKT Datasheet HTML 6Page - Texas Instruments TPS62097RWKT Datasheet HTML 7Page - Texas Instruments TPS62097RWKT Datasheet HTML 8Page - Texas Instruments TPS62097RWKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS62097
www.ti.com
SLVSCD6 – DECEMBER 2015
7.5
Electrical Characteristics
TJ = -40°C to 125°C, and VIN = 2.5V to 6.0V. Typical values are at TJ = 25°C and VIN = 3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
EN = High, Device not switching, TJ = –40°C to 85°C
40
57
IQ
Quiescent current into AVIN, PVIN
µA
EN = High, Device not switching
40
65
EN = Low, TJ = –40°C to 85°C
0.7
3
ISD
Shutdown current into AVIN, PVIN
µA
EN = Low
0.7
10
Under voltage lock out threshold
VIN falling
2.2
2.3
2.4
VUVLO
V
VIN rising
2.3
2.4
2.5
Thermal shutdown threshold
TJ rising
160
°C
TJSD
Thermal shutdown hysteresis
TJ falling
20
°C
LOGIC INTERFACE (EN, MODE)
VH_EN
High-level input voltage, EN pin
2.0
1.6
V
VL_EN
Low-level input voltage, EN pin
1.3
1.0
V
IEN,LKG
Input leakage current into EN pin
EN = High
0.01
0.9
µA
RPD
Pull-down resistance at EN pin
EN = Low
375
k
VH_MO
High-level input voltage, MODE pin
1.2
V
VL_MO
Low-level input voltage, MODE pin
0.4
V
IMO,LKG
Input leakage current into MODE pin
MODE = High
0.01
0.16
µA
SOFT STARTUP, POWER GOOD (SS/TR, PG)
ISS
Soft startup current
5.5
7.5
9.5
µA
Voltage tracking gain factor
VFB / VSS/TR
1
VOUT rising, referenced to VOUT nominal
92
95
98
VPG
Power good threshold
%
VOUT falling, referenced to VOUT nominal
87
90
92
VPG,OL
Low-level output voltage, PG pin
Isink = 1mA
0.4
V
IPG,LKG
Input leakage current into PG pin
VPG = 5.0V
0.01
1.6
µA
OUTPUT
PWM mode, No load
–1.0
1.0
Output voltage accuracy
VOUT
%
TPS6209718, TPS6209733
PSM mode(1)
–1.0
2.1
PWM mode
792
800
808
VFB
Feedback reference voltage
mV
PSM mode(1)
792
800
817
IFB,LKG
Input leakage current into FB pin
VFB = 0.8V
0.01
0.1
µA
RDIS
Output discharge resistor
EN = Low, VOUT = 1.8V
165
Line regulation
IOUT = 0.5A, VOUT = 1.8V
(1)
0.02
%/V
Load regulation
PWM mode, VOUT = 1.8V
(1)
0.2
%/A
POWER SWITCH
ISW = 500mA, VIN = 5.0V
40
73
High-side FET on-resistance
m
ISW = 500mA, VIN = 3.6V
50
96
RDS(on)
ISW = 500mA, VIN = 5.0V
40
68
Low-side FET on-resistance
m
ISW = 500mA, VIN = 3.6V
50
85
3.1
3.6
4.2
ILIMF
High-side FET forward current limit
A
VIN = 5.0V
3.3
3.6
3.9
ILIMN
Low-side FET negative current limit
Forced PWM mode
–1.25
–1.1
-0.7
A
(1)
Conditions: L = 1
μH, COUT = 22μF, Switching Frequency = 2.0MHz
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62097


Similar Part No. - TPS62097RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62097 TI1-TPS62097 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Similar Description - TPS62097RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com