Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62095 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62095
Description  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62095 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62095 Datasheet HTML 2Page - Texas Instruments TPS62095 Datasheet HTML 3Page - Texas Instruments TPS62095 Datasheet HTML 4Page - Texas Instruments TPS62095 Datasheet HTML 5Page - Texas Instruments TPS62095 Datasheet HTML 6Page - Texas Instruments TPS62095 Datasheet HTML 7Page - Texas Instruments TPS62095 Datasheet HTML 8Page - Texas Instruments TPS62095 Datasheet HTML 9Page - Texas Instruments TPS62095 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
D005
Tj = -40°C
Tj = 0°C
Tj = 25°C
Tj = 85°C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2
0.4
0.6
0.8
1
D006
Tj = -40°C
Tj = 0°C
Tj = 25°C
Tj = 85°C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
D003
Tj = -40°C
Tj = 25°C
Tj = 85°C
Tj = 125°C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
D004
Tj = -40°C
Tj = 25°C
Tj = 85°C
Tj = 125°C
TPS62095
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
www.ti.com
6.6 Typical Characteristics
Figure 1. High Side FET On Resistance
Figure 2. Low Side FET On Resistance
Figure 4. Shutdown Current
Figure 3. Quiescent Current
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62095


Similar Part No. - TPS62095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62095RGTR TI1-TPS62095RGTR Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS62095RGTT TI1-TPS62095RGTT Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
More results

Similar Description - TPS62095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
   PWM Control 4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
   4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
   4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com