Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62095RGTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62095RGTR
Description  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62095RGTR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62095RGTR Datasheet HTML 1Page - Texas Instruments TPS62095RGTR Datasheet HTML 2Page - Texas Instruments TPS62095RGTR Datasheet HTML 3Page - Texas Instruments TPS62095RGTR Datasheet HTML 4Page - Texas Instruments TPS62095RGTR Datasheet HTML 5Page - Texas Instruments TPS62095RGTR Datasheet HTML 6Page - Texas Instruments TPS62095RGTR Datasheet HTML 7Page - Texas Instruments TPS62095RGTR Datasheet HTML 8Page - Texas Instruments TPS62095RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS62095
www.ti.com
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
6.5 Electrical Characteristics
VIN = 3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.5
5.5
V
IQIN
Quiescent current
Not switching, No Load, Into PVIN and AVIN
20
µA
Isd
Shutdown current
Into PVIN and AVIN
0.6
5
µA
Undervoltage lockout threshold
VIN falling
2.1
2.2
2.3
V
UVLO
Undervoltage lockout hysteresis
200
mV
Thermal shutdown
Temperature rising
150
ºC
Thermal shutdown hysteresis
20
ºC
CONTROL SIGNAL EN
VH
High level input voltage
VIN = 2.5 V to 5.5 V
1
V
VL
Low level input voltage
VIN = 2.5 V to 5.5 V
0.4
V
Ilkg
Input leakage current
EN = VIN
10
100
nA
RPD
Pull down resistance
EN = Low
400
k
Ω
SOFT STARTUP
ISS
Softstart current
6.3
7.5
8.7
µA
POWER GOOD
Output voltage rising
93%
95%
97%
Vth
Power good threshold
Output voltage falling
88%
90%
92%
VL
Low level voltage
I(sink) = 1 mA
0.4
V
Ilkg
Leakage current
VPG = 3.6 V
10
100
nA
POWER SWITCH
High side FET on-resistance
ISW = 500 mA
50
m
Ω
RDS(on)
Low side FET on-resistance
ISW = 500 mA
40
m
Ω
High side FET switch current
ILIM
4.7
5.5
6.7
A
limit
fSW
Switching frequency
IOUT = 3 A
1.4
MHz
OUTPUT
VOUT
Output voltage range
0.8
VIN
V
RDIS
Output discharge resistor
EN = GND, VOUT = 1.8 V
200
Feedback regulation voltage
0.8
V
IOUT = 1 A, PWM mode
-1.4%
+1.4%
VFB
Feedback voltage accuracy (1)
IOUT = 1 mA, PFM mode, VOUT ≥ 1.8 V
-1.4%
+2.0%
IOUT = 1 mA, PFM mode, VOUT < 1.8 V
-1.4%
+2.5%
IFB
Feedback input bias current
VFB = 0.8 V
10
100
nA
Line regulation
VOUT = 1.8 V, PWM operation
0.016
%/V
Load regulation
VOUT = 1.8 V, PWM operation
0.04
%/A
(1)
Conditions: L = 1 µH, COUT = 2 x 22 µF.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62095


Similar Part No. - TPS62095RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62095RGTR TI1-TPS62095RGTR Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS62095RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
   PWM Control 4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
   4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
   4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com