Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62020DGQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62020DGQR
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62020DGQR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62020DGQR Datasheet HTML 1Page - Texas Instruments TPS62020DGQR Datasheet HTML 2Page - Texas Instruments TPS62020DGQR Datasheet HTML 3Page - Texas Instruments TPS62020DGQR Datasheet HTML 4Page - Texas Instruments TPS62020DGQR Datasheet HTML 5Page - Texas Instruments TPS62020DGQR Datasheet HTML 6Page - Texas Instruments TPS62020DGQR Datasheet HTML 7Page - Texas Instruments TPS62020DGQR Datasheet HTML 8Page - Texas Instruments TPS62020DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
PACKAGE MARKING
MODE PIN
OUTPUT
TA
LOGIC LEVEL
VOLTAGE
MSOP(1)
QFN(2)
MSOP
QFN
MODE
Adjustable
TPS62020DGQ
TPS62020DRC
BBK
BBJ
–40
°C to 85°C
MODE
Adjustable
TPS62021DGQ
TPS62021DRC
ASH
ASJ
MODE
3.3 V
TPS62026DGQ
TPS62026DRC
BKI
BKJ
(1)
The DGQ package is available in tape and reel. Add R suffix (DGQR) to order quantities of 2500 parts per reel.
(2)
The DRC package is available in tape and reel. Add R suffix (DRCR) to order quantities of 3000 parts per reel.
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage VIN(2)
–0.3 V to 7 V
Voltages on EN, MODE, FB, SW(2)
–0.3 V to VCC +0.3 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40
°C to 150°C
Storage temperature range
–65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RθJA
(1)
POWER RATING
POWER RATING
POWER RATING
MSOP
60
°C/W
1.67 W
917 mW
667 mW
QFN
48.7
°C/W
2.05 W
1.13 W
821 mW
(1)
The thermal resistance, RθJA is based on a soldered PowerPAD using thermal vias.
MIN
TYP
MAX
UNIT
VI
Supply voltage
2.5
6.0
V
VO
Output voltage range for adjustable output voltage version
0.7
VI
V
IO
Output current
600
mA
L
Inductor(1)
3.3
10
µH
CI
Input capacitor(1)
10
µF
CO
Output capacitor(1)
10
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Refer to application section for further information
2


Similar Part No. - TPS62020DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62020DGQR TI-TPS62020DGQR Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020DGQRG4 TI-TPS62020DGQRG4 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62020DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com