Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15104P Datasheet(PDF) 28 Page - Winbond

Part # 15104P
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

15104P Datasheet(HTML) 28 Page - Winbond

Back Button 15104P Datasheet HTML 24Page - Winbond 15104P Datasheet HTML 25Page - Winbond 15104P Datasheet HTML 26Page - Winbond 15104P Datasheet HTML 27Page - Winbond 15104P Datasheet HTML 28Page - Winbond 15104P Datasheet HTML 29Page - Winbond 15104P Datasheet HTML 30Page - Winbond 15104P Datasheet HTML 31Page - Winbond 15104P Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
ISD5100 – SERIES
- 28 -
7.4. ANALOG MODE
7.4.1. Aux In and Ana In Description
The AUX IN is an additional audio input to the ISD5100-Series, such as from the microphone circuit in
a mobile phone “car kit.” This input has a nominal 694 mV p-p level at its minimum gain setting (0 dB).
See the AUX IN Amplifier Gain Settings table on page 37. Additional gain is available in 3 dB steps
(controlled by the I
2C serial interface) up to 9 dB.
The ANA IN pin is the analog input from the telephone chip set. It can be switched (by the serial bus)
to the speaker output, the array input or to various other paths. This pin is designed to accept a
nominal 1.11 Vp-p when at its minimum gain (6 dB) setting. See the ANA IN Amplifier Gain Settings
table on page 37. There is additional gain available in 3 dB steps controlled from the I
2C interface, if
required, up to 15 dB.
AUX IN
Input Amplifier
AUX IN
Input
CCOUP=0.1 µF
Ra
Rb
Internal to the device
NOTE: fCUTOFF=
2
πRaCCOUP
1
ANA IN
Input Amplifier
ANA IN
Input
CCOUP=0.1 µF
Ra
Rb
Internal to the device
NOTE: fCUTOFF=
2
πRaCCOUP
1


Similar Part No. - 15104P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15104 ETC1-15104 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
15104 ETC2-15104 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Molex Electronics Ltd.
1510413056 MOLEX1-1510413056_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 15 Gbps, 0.75mm Pitch, 1.57mm PCB
logo
Weidmuller
1510460000 WEIDMULLER-1510460000 Datasheet
92Kb / 4P
   SL 5.08/3/90B3.2SN OR
logo
Molex Electronics Ltd.
1510462150 MOLEX1-1510462150_17 Datasheet
48Kb / 2P
   EdgeLine 25 ESP Vertical Connector, 25 Gbps, 0.80mm Pitch, 2.36mm PCB
More results

Similar Description - 15104P

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com