Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15104P Datasheet(PDF) 27 Page - Winbond

Part # 15104P
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

15104P Datasheet(HTML) 27 Page - Winbond

Back Button 15104P Datasheet HTML 23Page - Winbond 15104P Datasheet HTML 24Page - Winbond 15104P Datasheet HTML 25Page - Winbond 15104P Datasheet HTML 26Page - Winbond 15104P Datasheet HTML 27Page - Winbond 15104P Datasheet HTML 28Page - Winbond 15104P Datasheet HTML 29Page - Winbond 15104P Datasheet HTML 30Page - Winbond 15104P Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
ISD5100 – SERIES
Publication Release Date: October, 2003
- 27 -
Revision 0.2
6. Power up the VOLUME CONTROL LEVEL—Bit VLPD controls the power-up state of the
VOLUME CONTROL attenuator. This is Bit D0 of CFG0. This bit must be set to a ZERO to
power-up the VOLUME CONTROL.
7. Select a VOLUME CONTROL LEVEL—Bits VOL0, VOL1, and VOL2 control the state of the
VOLUME CONTROL LEVEL. These are bits D11, D12, and D13, respectively, of CFG1. A
binary count of 000 through 111 controls the amount of attenuation through that state. In most
cases, the software will select an attenuation level according to the desires of the current
users of the product. In this example, we will assume the user wants an attenuation of –12 dB.
For that setting, D11 should be set to ONE, D12 should be set to ONE, and D13 should be set
to a ZERO.
8. Select the VOLUME CONTROL path through the OUTPUT MUX—These are bits D3 and D4,
respectively, of CFG0. They should be set to the state where D3 is ZERO and D4 is a ZERO
to select the VOLUME CONTROL.
9. Power up the SPEAKER amplifier and select the HIGH GAIN mode—Bits OPA0 and OPA1
control the state of the speaker (SP+ and SP–) and AUX OUT outputs. These are bits D1 and
D2 of CFG0. They must be set to the state where D1 is ONE and D2 is ZERO to power-up the
speaker outputs in the HIGH GAIN mode and to power-down the AUX OUT.
To set up the chip for Memo or Call Playback, the configuration registers are set up as follows:
CFG0=0010 0100 0010 0010 (hex 2422).
CFG1=0101 1001 1101 0001 (hex 59D1).
Only those portions necessary for this mode are powered up.
7.3.11. Message Cueing
Message cueing allows the user to skip through analog messages without knowing the actual physical
location of the message. This operation is used during playback. In this mode, the messages are
skipped 512 times faster than in normal playback mode. It will stop when an EOM marker is reached.
Then, the internal address counter will be pointing to the next message.


Similar Part No. - 15104P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15104 ETC1-15104 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
15104 ETC2-15104 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Molex Electronics Ltd.
1510413056 MOLEX1-1510413056_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 15 Gbps, 0.75mm Pitch, 1.57mm PCB
logo
Weidmuller
1510460000 WEIDMULLER-1510460000 Datasheet
92Kb / 4P
   SL 5.08/3/90B3.2SN OR
logo
Molex Electronics Ltd.
1510462150 MOLEX1-1510462150_17 Datasheet
48Kb / 2P
   EdgeLine 25 ESP Vertical Connector, 25 Gbps, 0.80mm Pitch, 2.36mm PCB
More results

Similar Description - 15104P

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com