Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDU5V0H3 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # ESDU5V0H3
Description  Uni-direction ESD Protection Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

ESDU5V0H3 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  ESDU5V0H3 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0H3 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0H3 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0H3 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0H3 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0H3 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.cj-elec.com
A-1,
Oct,2014
1
SOT-
23-6L
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-
23-6L Plastic-Encapsulate Diodes
ESDU5V0
H3 Uni-direction ESD Protection Diode
DESCRIPTION
Designed to protect voltage sensitive electronic components from ESD and other
transients. Excellent clamping capability, low leakage, low capacitance, and fast
response time provide best in class protection on designs that are exposed to ESD.
The combination of small size, low capacitance, and high level of ESD protection
makes them a flexible solution for applications such as USB3.0 power & data line,
Video line, and WAN/LAN equipment. It is designed to replace multiplayer varistors
(MLV) in consumer equipments applications such as mobile phone, notebook, PAD,
STB, LCD TV etc.
FEATURES
Uni-directional ESD protection of two lines
Low capacitance: 0.8pF(Max)
Low reverse stand−off voltage: 5V
Low reverse clamping voltage
Low leakage current
Excellent
package:2.92mm×1.60mm×1.10mm
Fast response time
JESD22-A114-B ESD Rating of class 3B per human
body model
IEC 61000-4-2 Level 4 ESD protection
APPLICATIONS
USB3.0 power & data line protection
WLAN/LAN equipment
Mobile phone
Video line protection
Microcontroller input Protection
ISDN S/T Interface
Other electronics equipments
Communication systems
MARKING
U5H3 = Device code
Solid dot=Pin1 indicator
Front side
U5H3


Similar Part No. - ESDU5V0H3

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDU5V0H4 JIANGSU-ESDU5V0H4 Datasheet
681Kb / 6P
   Uni-direction ESD Protection Array
More results

Similar Description - ESDU5V0H3

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTESD5V0LED02 JIANGSU-DTESD5V0LED02 Datasheet
698Kb / 6P
   Uni-direction ESD Protection Diode
ESDQ12VFA1 JIANGSU-ESDQ12VFA1 Datasheet
10Mb / 6P
   Uni-direction ESD Protection Diode
CESD12VD3 JIANGSU-CESD12VD3 Datasheet
664Kb / 6P
   Uni-direction ESD Protection Diode
ESDN12VD3 JIANGSU-ESDN12VD3 Datasheet
717Kb / 6P
   Uni-direction ESD Protection Diode
CESD7V0D5 JIANGSU-CESD7V0D5 Datasheet
645Kb / 6P
   Uni-direction ESD Protection Diode
CESD12VD7 JIANGSU-CESD12VD7 Datasheet
755Kb / 6P
   Uni-direction ESD Protection Diode
DTESD7V0LED02 JIANGSU-DTESD7V0LED02 Datasheet
738Kb / 6P
   Uni-direction ESD Protection Diode
ESD36VD5 JIANGSU-ESD36VD5 Datasheet
1Mb / 6P
   Uni-direction ESD Protection Diode
ESDLJ12VD9 JIANGSU-ESDLJ12VD9 Datasheet
527Kb / 6P
   Uni-direction ESD Protection Diode
ESDU5V0D9 JIANGSU-ESDU5V0D9 Datasheet
675Kb / 6P
   Uni-direction ESD Protection Diode
ESDU5V0N2 JIANGSU-ESDU5V0N2 Datasheet
787Kb / 6P
   Uni-direction ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com