Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESDU5V0AE1 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. ESDU5V0AE1
Description  Uni-direction ESD Protection Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

ESDU5V0AE1 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  ESDU5V0AE1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0AE1 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0AE1 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0AE1 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0AE1 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd ESDU5V0AE1 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHANGJIANG ELEC.TECH.
ESDU5V0AE1
www.cj-elec.com
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
±1
5
IEC 61000-4-2 ESD Voltage
Air Model
Contact Model
±1
5
JESD22-A114-B ESD Voltage
Per Human Body Model
±16
ESD Voltage
Machine Model
VESD
(1)
±0.4
kV
Peak Pulse Power
PPP
(2)
80
W
Peak Pulse Current
IPP
(2)
4
A
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 ~ +150
(1).Device stressed with ten non-repetitive ESD pulses.
(2).Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5.
ESD standards compliance
IEC61000-4-2 Standard
JESD22-A114-B Standard
Contact Discharge
Air Discharge
Level
Test Voltage kV
Level
Test Voltage kV
1
2
1
2
2
4
2
4
3
6
3
8
4
8
4
15
ESD Class
Human Body Discharge V
0
0~249
1A
1B
1C
250~499
500~999
1000~1999
2
2000~3999
3A
3B
4000~7999
8000~15999
ESD pulse waveform according to IEC61000-4-2
8/20μs pulse waveform according to IEC 61000-4-5
2
A-5,Feb,2016


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn