Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61253 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61253 Datasheet HTML 1Page - Texas Instruments TPS61253 Datasheet HTML 2Page - Texas Instruments TPS61253 Datasheet HTML 3Page - Texas Instruments TPS61253 Datasheet HTML 4Page - Texas Instruments TPS61253 Datasheet HTML 5Page - Texas Instruments TPS61253 Datasheet HTML 6Page - Texas Instruments TPS61253 Datasheet HTML 7Page - Texas Instruments TPS61253 Datasheet HTML 8Page - Texas Instruments TPS61253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
A1
A2
A3
B2
C2
B3
C3
B1
C1
A1
A2
A3
B2
C2
B3
C3
B1
C1
4
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
(2)
Product preview. Contact TI factory for more information
5 Device Options
TA
PART NUMBER(1)
OUTPUT
VOLTAGE
DEVICE
SPECIFIC FEATURES
–40°C to 85°C
TPS61253
5.0 V
Supports 5 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS61254
4.5 V
Supports 4.5 V / 800 mA loading
down to 2.65 V input voltage
TPS61255(2)
3.75 V
TPS61256
5.0 V
Supports 5 V / 900 mA loading
down to 3.3 V input voltage
TPS61257(2)
4.3 V
TPS61258
4.5 V
Supports 4.5 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS61259
5.1 V
Supports 5.1 V, up to 1500 mA peak loading
down to 3.3 V input voltage
TPS612592
5.2 V
Supports 5.2 V, up to 1500 mA peak loading
down to 3.3 V input voltage
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BP
C3
I
This is the mode selection pin of the device and is only of relevance when the device is disabled
(EN = Low). This pin must not be left floating and must be terminated. Refer to Table 2 for more
details.
BP = Low: The device is in true shutdown mode.
BP = High: The output is biased at the input voltage level with a maximum load current capability of
ca. 150mA. In standby mode, the device only consumes a standby current of 21µA (typ).
EN
B3
I
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
terminated.
GND
C1, C2
Ground pin.
SW
B1, B2
I/O
This is the switch pin of the converter and is connected to the drain of the internal Power MOSFETs.
VIN
A3
I
Power supply input.
VOUT
A1, A2
O
Boost converter output.


Similar Part No. - TPS61253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS612531A TI-TPS612531A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612531A TI1-TPS612531A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS612532A TI-TPS612532A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612532A TI1-TPS612532A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
More results

Similar Description - TPS61253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com