Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62000YZGR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62000YZGR
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62000YZGR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62000YZGR Datasheet HTML 1Page - Texas Instruments TPS62000YZGR Datasheet HTML 2Page - Texas Instruments TPS62000YZGR Datasheet HTML 3Page - Texas Instruments TPS62000YZGR Datasheet HTML 4Page - Texas Instruments TPS62000YZGR Datasheet HTML 5Page - Texas Instruments TPS62000YZGR Datasheet HTML 6Page - Texas Instruments TPS62000YZGR Datasheet HTML 7Page - Texas Instruments TPS62000YZGR Datasheet HTML 8Page - Texas Instruments TPS62000YZGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
www.ti.com
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
7.5 Electrical Characteristics
Over recommended operating free-air temperature range, VIN = 3.6 V, VOUT = 2.5 V, IOUT = 300 mA, EN = VIN, ILIM = VIN, TA =
–40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IOUT = 0 mA to 600 mA
2.5
5.5
VIN
Input voltage range
V
IOUT = 0 mA to 200 mA
2
5.5
I(Q)
Operating quiescent current
IOUT = 0 mA, SYNC = GND (PFM-mode
50
75
μA
enabled)
I(SD)
Shutdown current
EN = GND
0.1
1
μA
ENABLE
VIH
EN high-level input voltage
1.3
V
VIL
EN low-level input voltage
0.4
V
Ilkg
EN input leakage current
EN = GND or VIN
0.01
0.1
μA
V(UVLO Undervoltage lockout threshold
1.2
1.6
1.95
V
)
POWER SWITCH AND CURRENT LIMIT
VIN = VGS = 3.6 V, I = 200 mA
200
280
410
P-channel MOSFET on-resistance
m
VIN = VGS = 2 V, I = 200 mA
480
P-channel leakage current
VDS = 5.5 V
1
μA
RDS(on
)
VIN = VGS = 3.6 V, IOUT = 200 mA
200
280
410
N-channel MOSFET on-resistance
m
VIN = VGS = 2 V, IOUT = 200 mA
500
N-channel leakage current
VDS = 5.5 V
1
μA
2.5 V
≤ VIN ≤ 5.5 V, ILIM = VIN
800
1200
1600
I(LIM)
P-channel current limit
mA
2 V
≤ VIN ≤ 5.5 V, ILIM = GND
390
600
900
VIH
ILIM high-level input voltage
1.3
V
VIL
ILIM low-level input voltage
0.4
V
Ilkg
ILIM input leakage current
ILIM = GND or VIN
0.01
0.1
μA
POWER GOOD OUTPUT (see (1))
V(PG)
Power good threshold
Feedback voltage falling
88%
92%
94%
V
VOUT
VOUT
VOUT
Power good hysteresis
2.5%
V
VOUT
VOL
PG output low voltage
V(FB) = 0.8 × VOUT nominal, I(sink) = 10 μA
0.3
V
Ilkg
PG output leakage current
V(FB) = VOUT nominal
0.01
1
μA
Minimum supply voltage for valid power good
1.2
V
signal
OSCILLATOR
fs
Oscillator frequency
500
750
1000
kHz
f(SYNC) Synchronization range
CMOS-logic clock signal on SYNC pin
500
1000
kHz
VIH
SYNC high level input voltage
1.3
V
VIL
SYNC low level input voltage
0.4
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.1
μA
Duty cycle of external clock signal
20%
60%
VO
Adjustable output voltage
TPS62000
0.8
5.5
V
range
Vref
Reference voltage
TPS6200x
0.45
V
(1)
Power good is not valid for the first 100
μs after EN goes high. Refer to the application section for more information.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Similar Part No. - TPS62000YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000YEG TI-TPS62000YEG Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000YEGR TI-TPS62000YEGR Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000YEGT TI-TPS62000YEGT Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62000YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com